Electronic Components Datasheet Search
  English  ▼

X  

ALQ07FY Datasheet(PDF) 21 Page - Astec America, Inc

Part # ALQ07FY
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FY Datasheet(HTML) 21 Page - Astec America, Inc

Back Button ALQ07FY Datasheet HTML 17Page - Astec America, Inc ALQ07FY Datasheet HTML 18Page - Astec America, Inc ALQ07FY Datasheet HTML 19Page - Astec America, Inc ALQ07FY Datasheet HTML 20Page - Astec America, Inc ALQ07FY Datasheet HTML 21Page - Astec America, Inc ALQ07FY Datasheet HTML 22Page - Astec America, Inc ALQ07FY Datasheet HTML 23Page - Astec America, Inc ALQ07FY Datasheet HTML 24Page - Astec America, Inc ALQ07FY Datasheet HTML 25Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Design Consideration
Typical Application
Cin: Recommended input capacitor 47uF, aluminum electrolytic type
Cout: Recommended output capacitor 220uF, Tantalum type, each capacitor
ESR<100mΩ
C1,C2: Recommended 0.1uF ceramic capacitor
Note:
Io1+Io2≤10A
Fusing
The ALQ07 power modules have no internal fuse. An external fuse must always be
employed! To meet international safety requirements, a 250 Volt rated fuse should
be used. If one of the input lines is connected to chassis ground, then the fuse must
be placed in the other input line.
Standard safety agency regulations require input fusing. Recommended fuse rating
for the ALQ07 Series is 2A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com