Electronic Components Datasheet Search
  English  ▼

X  

ALQ07FK Datasheet(PDF) 7 Page - Astec America, Inc

Part # ALQ07FK
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FK Datasheet(HTML) 7 Page - Astec America, Inc

Back Button ALQ07FK Datasheet HTML 3Page - Astec America, Inc ALQ07FK Datasheet HTML 4Page - Astec America, Inc ALQ07FK Datasheet HTML 5Page - Astec America, Inc ALQ07FK Datasheet HTML 6Page - Astec America, Inc ALQ07FK Datasheet HTML 7Page - Astec America, Inc ALQ07FK Datasheet HTML 8Page - Astec America, Inc ALQ07FK Datasheet HTML 9Page - Astec America, Inc ALQ07FK Datasheet HTML 10Page - Astec America, Inc ALQ07FK Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Output Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Ripple
Noise
Output Ripple and Noise
(When measure ripple, noise and
dynamic response, external 10uF
tantalum capacitor and 0.1uF ceramic
capacitor required for each output.)
Peak-to-Peak (5 Hz to 20 MHz)
All
Vo1
Vo2
-
-
-
-
50
50
50
50
mVp-p
mVp-p
External Load Capacitance
All
Vo1
Vo2
0
0
-
-
4000
4000
µF
µF
ALQ07FY
Vo1set
Vo2set
3.25
1.77
3.3
1.8
3.35
1.83
Vdc
Vdc
ALQ07FM
Vo1set
Vo2set
3.25
1.48
3.3
1.5
3.35
1.52
Vdc
Vdc
Output Voltage Setpoint
(Rating input,
3.3V@4A+1.8V@6A,
3.3V@4A+1.5V@6A,3.3V@4A+1
.2V@6A, Ta = 25 ºC )
ALQ07FK
Vo1set
Vo2set
3.25
1.18
3.3
1.2
3.35
1.22
Vdc
Vdc
Cross regulation
(Any one output Vs. others)
All
0.5
%Vo,nom
All
(Line Regulation)
Vo1
Vo2
-
-
5
3
8
5
mV
mV
Output Regulation:
Line (Vi=Vi,min to Vi,max)
Load (Io = Io,min to Io,max, other Io
=50%Io,nom)
(Ta=-40 ºC~60ºC)
All
(Load Regulation)
Vo1
Vo2
10
5
15
10
mV
mV
Rated Output Current
(Io1+Io2≤10A)
All
Io1
Io2
0
0
-
-
6
7
A
A
Output Current Protection
(When unit is shut down)
All
Io1+ Io2
11
-
15
A
ALQ07FY
-
80
82
%
ALQ07FM
-
80
82
%
Efficiency
(Rating input,3.3V@6A,
1.8V/1.5V/1.2V@0A ; Ta = 25
°C)
ALQ07FK
-
80
82
%
Switching Frequency
All
-
360
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com