Electronic Components Datasheet Search
  English  ▼

X  

10A05 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 10A05
Description  SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

10A05 Datasheet(HTML) 2 Page - Rectron Semiconductor

  10A05 Datasheet HTML 1Page - Rectron Semiconductor 10A05 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( 10A05 THRU 10A10 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, (
)
Single Phase Half Wave 60Hz
Resistive or Inductive Load
10
8
6
4
2
0
0
20 40
60
80 100 120 140 160 180 200
Standard PC Board
Mounting
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25
Pulse Width=300uS
1% Duty Cycle
1000
100
10
1.0
.1
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
TJ = 25
600
500
400
300
200
100
0
1
2
5
10
20
50
100
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
100
10
1.0
.1
.01
TJ = 100
TJ = 25
FIG. 5 - TYPICAL THERMAL RESISTANCE VS
LEAD LENGTH
EQUAL LEAD LENGTH TO HEAT SINK, (IN.)
0
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
20
15
10
5
0
25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com