Electronic Components Datasheet Search
  English  ▼

X  

ADIS16209CCCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16209CCCZ
Description  High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16209CCCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16209CCCZ Datasheet HTML 6Page - Analog Devices ADIS16209CCCZ Datasheet HTML 7Page - Analog Devices ADIS16209CCCZ Datasheet HTML 8Page - Analog Devices ADIS16209CCCZ Datasheet HTML 9Page - Analog Devices ADIS16209CCCZ Datasheet HTML 10Page - Analog Devices ADIS16209CCCZ Datasheet HTML 11Page - Analog Devices ADIS16209CCCZ Datasheet HTML 12Page - Analog Devices ADIS16209CCCZ Datasheet HTML 13Page - Analog Devices ADIS16209CCCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADIS16209
Preliminary Technical Data
Rev. PrA | Page 10 of 16
THEORY OF OPERATION
The ADIS16209 tilt sensing system uses gravity as its only
stimulus, and a MEMS accelerometer as its sensing element.
MEMS accelerometers typically employ a tiny, spring-loaded
structure that is interlaced with a fixed pick-off finger structure.
The spring constant of the floating structure determines how
far it moves when subjected to a force. This structure responds
to both dynamic forces associated with acceleration and static
forces, such as gravity.
Figure 19 and Figure 20 illustrate how the accelerometer
responds to gravity, according to its orientation, with respect
to gravity. Figure 19 displays the configuration for the incline
angle outputs and Figure 20 displays the configuration used for
the rotational angle position. This configuration provides
greater measurement range than a single-axis. The ADIS16209
incorporates the signal processing circuit that converts accelera-
tion into an incline angle, and corrects for several known error
sources that would otherwise degrade the accuracy level.
GRAVITY = 1g
θx
ax
θx
HORIZON
Figure 19. Single-Axis Tilt Theory Diagram
ay
θx
ax
θx
HORIZON
GRAVITY = 1g
Figure 20. Dual-Axis Tilt Theory Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com