Electronic Components Datasheet Search
  English  ▼

X  

PS11012 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PS11012
Description  FLAT-BASE TYPE INSULATED TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS11012 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PS11012 Datasheet HTML 1Page - Powerex Power Semiconductors PS11012 Datasheet HTML 2Page - Powerex Power Semiconductors PS11012 Datasheet HTML 3Page - Powerex Power Semiconductors PS11012 Datasheet HTML 4Page - Powerex Power Semiconductors PS11012 Datasheet HTML 5Page - Powerex Power Semiconductors PS11012 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS11012
FLAT-BASE TYPE
INSULATED TYPE
Jan. 2000
TC
6.1
6.1
7.3
6.1
4.8
0.053
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
—
—
—
—
—
—
Junction to case Thermal
Resistance
Condition
Symbol
Item
Ratings
Unit
(Note 2)
—
(Fig. 3)
60 Hz sinusoidal AC applied between all terminals and
the base plate for 1 minute.
Mounting screw: M3.5
Tj
Tstg
TC
Viso
—
Junction temperature
Storage temperature
Module case operating temperature
Isolation voltage
Mounting torque
–20 ~ +125
–40 ~ +125
–20 ~ +100
2500
0.78 ~ 1.27
°C
°C
°C
Vrms
kg·cm
TOTAL SYSTEM
Note 2) The item defines the maximum junction temperature for the power elements (IGBT/Diode) of the ASIPM to ensure safe operation. How-
ever, these power elements can endure junction temperature as high as 150
°C instantaneously . To make use of this additional tem-
perature allowance, a detailed study of the exact application conditions is required and, accordingly, necessary information is requested
to be provided before use.
Condition
Symbol
Item
Ratings
Inverter IGBT (1/6)
Inverter FWDi (1/6)
Brake IGBT
Brake FWDi
Converter Di (1/6)
Case to fin, thermal grease applied (1 Module)
Rth(j-c)Q
Rth(j-c)F
Rth(j-c)QB
Rth(j-c)FB
Rth(j-c)FR
Rth(c-f)
Min.
THERMAL RESISTANCE
Typ.
Max.
—
—
—
—
—
—
Unit
(Fig. 3)
CASE TEMPERATURE MEASUREMENT POINT (3mm from the base surface)
Contact Thermal Resistance
—
0.1
VCC
≤ 400V, Input = ON (one-shot)
Tj = 125
°C start
13.5V
≤ VDH = VDB ≤ 16.5V
VCC
≤ 400V, Tj ≤ 125°C,
Ic < IOL(CL) operation level, Input = ON
13.5V
≤ VDH = VDB ≤ 16.5V
V
V
—
VFBr
IRRM
VFR
ton
tc(on)
toff
tc(off)
trr
Collector-emitter saturation voltage
FWDi forward voltage
Brake IGBT
Collector-emitter saturation voltage
Brake diode forward voltage
Converter diode reverse current
Converter diode voltage
Switching times
FWD reverse recovery time
VCE(sat)
VEC
Ratings
VDH = VDB = 15V, Input = ON, Tj = 25
°C, IC = 4A
Condition
Symbol
Item
Min.
Typ.
Max.
Unit
• No destruction
• FO output by protection operation
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, VDH = 15V, VDB = 15V unless otherwise noted)
Tj = 25
°C, IC = –4A, Input = OFF
• No destruction
• No protecting operation
• No FO output
VCE(sat)Br
VDH = 15V, Input = ON, Tj = 25
°C, IC = 2A
Tj = 25
°C, IF = 2A, Input = OFF
VR = VRRM, Tj = 125
°C
Tj = 25
°C, IF = 5A
1/2 Bridge inductive load, Input = ON
VCC = 300V, Ic = 4A, Tj = 125
°C
VDH = 15V, VDB = 15V
Note : ton, toff include delay time of the internal control
circuit
Short circuit endurance
(Output, Arm, and Load,
Short Circuit Modes)
Switching SOA
—
—
—
—
—
0.3
—
—
—
—
—
—
—
—
—
—
0.6
0.2
1.1
0.35
2.9
2.9
3.5
2.9
8
1.5
1.5
0.6
1.8
1.0
V
V
mA
V
µs
µs
µs
µs
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com