Electronic Components Datasheet Search
  English  ▼

X  

AP1534 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1534
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1534 Datasheet(HTML) 7 Page - Diodes Incorporated

  AP1534 Datasheet HTML 1Page - Diodes Incorporated AP1534 Datasheet HTML 2Page - Diodes Incorporated AP1534 Datasheet HTML 3Page - Diodes Incorporated AP1534 Datasheet HTML 4Page - Diodes Incorporated AP1534 Datasheet HTML 5Page - Diodes Incorporated AP1534 Datasheet HTML 6Page - Diodes Incorporated AP1534 Datasheet HTML 7Page - Diodes Incorporated AP1534 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AP1534
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
7 of 8
DECEMBER 2007
www.diodes.com
© Diodes Incorporated
Function Description
PWM Control
The AP1534 is a DC/DC converter that employs pulse width
modulation (PWM) scheme. Its pulse width varies in the range of
0% to 99%, based on the output current loading. The output
ripple voltage caused by the PWM high frequency switching can
easily be reduced through an output filter. Therefore, this
converter provides a low ripple output supply over a broad range
of input voltage & output current loading
Under Voltage Lockout
The under voltage lockout circuit of the AP1534 assures that the
high-side MOSFET driver remains in the off state whenever the
supply voltage drops below 3.3V. Normal operation resumes
once VCC rises above 3.5V.
Current Limit Protection
The current limit threshold is set by external resistor ROCSET
connected from VCC supply to OCSET pin. The internal sink
current IOCSET (90uA typical) across this resistor sets the voltage
at OCSET pin. When the PWM voltage is less than the voltage at
OCSET, an over-current condition is triggered.
The current limit threshold is given by the following equation:
R
I
R
I
OCSET
OCSET
DS(ON)
PEAK
×
=
×
2
I)
(
I
I
(MAX)
OUT
PEAK
Δ
+
>
where,
IN
OUT
S
OUT
IN
V
V
x
xL
F
V
V
I
−
=
Δ
IPEAK is the output peak current; RDS (ON) is the MOSFET ON
resistance; FS is the PWM frequency (300KHz typical). Also, the
inductor value will affect the ripple current
ΔI.
The above equation is recommended for input voltage range of
5V to 18V. For input voltage lower than 5V, higher than 18V or
ambient
temperature
over
100°C,
ROCSET≧6.8KΩ
is
recommended.
The recommended minimum ROCSET value is summarized below:
VIN (V)
VOUT (V)
ROCSET (Ω)
4
1
6.8K
5
3.3
5.6K
12
5
3.9K
18
12
4.7K
The maximum ROCSET value should not exceed AP1533 maximum
current output.
( Top View )
SOP-8L
AP1534
YYWW X X
Logo
Part No.
Internal code
Year : "07" = 2007
"08" = 2008
Xth week : 01~52
5
8
4
1
G : Green
Marking Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com