Electronic Components Datasheet Search
  English  ▼

X  

AP1534S Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1534S
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1534S Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1534S Datasheet HTML 1Page - Diodes Incorporated AP1534S Datasheet HTML 2Page - Diodes Incorporated AP1534S Datasheet HTML 3Page - Diodes Incorporated AP1534S Datasheet HTML 4Page - Diodes Incorporated AP1534S Datasheet HTML 5Page - Diodes Incorporated AP1534S Datasheet HTML 6Page - Diodes Incorporated AP1534S Datasheet HTML 7Page - Diodes Incorporated AP1534S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1534
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
4 of 8
DECEMBER 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
( VIN = 12V, TA = 25°C, unless otherwise specified )
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VFB
Feedback Voltage
IOUT = 0.1A
0.784
0.8
0.816
V
IFB
Feedback Bias Current
IOUT = 0.1A
-
0.1
0.5
µA
ISW
Switch Current
--
2.0
-
-
A
ISHDN
Current Consumption
During Power Off
VEN = 0V
-
10
-
µA
∆V
OUT
/ VIN
Line Regulation
VIN = 5V~18V
-
1
2
%
∆V
OUT
/VOUT
Load Regulation
IOUT = 0.1 to 2A
-
0.2
0.5
%
fOSC
Oscillation Frequency
Measure waveform at SW pin
240
300
400
KHz
fOSC1
Frequency of Current Limit
or Short Circuit Protect
Measure waveform at SW pin
-
50
-
KHz
VIH
Evaluate oscillation at SW pin
2.0
-
-
VIL
EN Pin Input Voltage
Evaluate oscillation stop at SW pin
-
-
0.8
V
ISH
--
-
20
-
µA
ISL
EN Pin Input Leakage
Current
--
-
-10
-
µA
IOCSET OCSET Pin Bias Current
--
75
90
105
µA
VIN = 5V, VFB = 0V
-
160
-
RDS(ON) Internal MOSFET RDS(ON)
VIN = 12V, VFB = 0V
-
100
-
m
Ω
EFFI
Efficiency
VIN = 12V, VOUT = 5V
IOUT = 2A
-
91
-
%
TSHDN
Thermal shutdown threshold
-
150
-
°C
THYS
Thermal shutdown
hysteresis
-
55
-
°C
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 3)
-
127
-
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
SOP-8L (Note 3)
-
28
-
oC/W
Note:
3. Test condition for SOP-8L: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
For better thermal performance, larger copper pad for heatsink is needed.
Typical Application Circuit
AP1534
+
-
V
SS
EN
C
C
R
A
R
B
B240A
FB
Vcc
Output
CVcc
V
OUT
=5V/2A
VIN
R
OCSET
OCSET
C
OUT
C
IN
Optional
C
OCSET
C
EN
R
EN
Option
100K
Note: V
OUT = VFB x (1+RA /RB )
R
B =0.7K~5K ohm
L1
22uH
6.8K
1.3K
5.6K
0.1uF
+
-
C
0.1uF
470uF
470uF
0.1uF
(Note 4)
D1
Note:
4. Suggested DIODES Power Schottky P/N: B240/B340 series.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com