Electronic Components Datasheet Search
  English  ▼

X  

PS11015 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS11015
Description  FLAT-BASE TYPE INSULATED TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS11015 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS11015 Datasheet HTML 1Page - Powerex Power Semiconductors PS11015 Datasheet HTML 2Page - Powerex Power Semiconductors PS11015 Datasheet HTML 3Page - Powerex Power Semiconductors PS11015 Datasheet HTML 4Page - Powerex Power Semiconductors PS11015 Datasheet HTML 5Page - Powerex Power Semiconductors PS11015 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS11015
FLAT-BASE TYPE
INSULATED TYPE
Jan. 2000
Min.
150
—
Trip level
Reset level
Trip level
Reset level
Trip level
Reset level
Trip level
Reset level
Filter time
Idle
Active
td(read)
±IOL
ICL(H)
ICL(L)
SC
OT
OTr
UVDH
UVDHr
OVDH
OVDHr
UVDB
UVDBr
tdV
IFO(H)
IFO(L)
tint
VCO
VC+(200%)
VC–(200%)
|
∆VCO|
VC+
VC–
∆VC(200%)
Ic = 0A
Ic = IOP(200%)
Ic = –IOP(200%)
Input on threshold voltage
Input off threshold voltage
Input pull-up resistor
1.87
0.77
2.97
—
—
4.0
—
—
—
30.0
100
—
11.05
11.55
18.00
16.50
10.0
10.5
—
—
—
TC = –20
°C ~ +100°C
Tj
≤ 125°C
—
1
53.0
110
90
12.00
12.50
19.20
17.50
11.0
11.5
10
—
1
VDH = 15V
TC = –20
°C ~ +100°C
(Fig. 4)
0.8
2.5
—
2
Integrated between input terminal-VDH
TC
≤ 100°C, Tj ≤ 125°C
VDH = 15V, TC = –20
°C ~ +100°C
(Note 3)
Relates to corresponding input
(Except brake part) TC = –20
°C ~ +100°C
Relates to corresponding input (Except brake part)
Condition
Symbol
Ratings
Vth(on)
Vth(off)
Ri
fPWM
txx
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, VDH = 15V, VDB = 15V unless otherwise noted)
(Note 3) : (a) Allowable minimum input on-pulse width : This item applies to P-side circuit only.
(b) Allowable maximum input on-pulse width : This item applies to both P-side and N-side circuits excluding the brake circuit.
(Note4) : CL output : The "current limit warning (CL) operation circuit outputs warning signal whenever the arm current exceeds this limit. The
circuit is reset automatically by the next input signal and thus, it operates on a pulse-by-pulse scheme.
(Note5) : The short circuit protection works instantaneously when a high short circuit current flows through an internal IGBT rising up momen-
tarily. The protection function is, thus meant primarily to protect the ASIPM against short circuit distraction. Therefore, this function is
not recommended to be used for any system load current regulation or any over load control as this might, cause a failure due to
excessive temperature rise. Instead, the analogue current output feature or the over load warning feature (CL) should be appropri-
ately used for such current regulation or over load control operation. In other words, the PWM signals to the ASIPM should be shut
down, in principle, and not to be restarted before the junction temperature would recover to normal, as soon as a fault is feed back
from its FO1 pin of the ASIPM indicating a short circuit situation.
Allowable input on-pulse width
Allowable input signal dead time for
blocking arm shoot-through
Input inter-lock sensing
Analogue signal linearity with
output current
Offset change area vs temperature
VDH = 15V, TC = –20
°C ~ +100°C
Ic > IOP(200%), VDH = 15V
(Fig. 4)
Analogue signal output voltage limit
|VCO-VC
±(200%)|
Analogue signal over all linear variation
Analogue signal data hold accuracy
After input signal trigger point
(Fig. 8)
Analogue signal reading time
Current limit warning (CL) operation level
VDH =15V
Open collector output
1
2.2
—
–5
—
20.35
Open collector output
1.4
3.0
150
—
—
—
65
2.27
1.17
3.37
15
—
—
1.1
—
3
24.70
1
—
76.0
120
—
12.75
13.25
20.15
18.65
12.0
12.5
—
1
—
2.0
4.0
—
20
500
—
100
2.57
1.47
3.67
—
0.7
—
—
5
—
29.00
µA
mA
A
°C
°C
V
V
V
V
V
V
µs
µA
mA
V
V
k
Ω
kHz
µs
µs
ns
V
V
V
mV
V
V
V
%
µs
A
PWM input frequency
VDH =15V, TC = –20
°C ~ +100°C
(Note 4)
Item
tdead
Correspond to max. 500
µs data hold period
only, Ic = IOP(200%)
(Fig. 5)
rCH
Short circuit over current trip level
Signal output current of
CL operation
Idle
Active
Tj = 25
°C
(Fig. 7) (Note 5)
Supply circuit under &
over voltage protection
Over temperature protection
Fault output current
IDH
Circuit current
VDH = 15V, VCIN = 5V
—mA
Supply voltage ripple
Input on voltage
Input off voltage
PWM Input frequency
Arm shoot-through blocking time
RECOMMENDED CONDITIONS
V
400 (max.)
Applied across P2-N terminals
Condition
Symbol
Item
Ratings
VCC
Supply voltage
Unit
VDH, VDB
∆VDH, ∆VDB
VCIN(on)
VCIN(off)
fPWM
tdead
Control supply voltage
Applied between VDH-GND, CBU+-CBU–, CBV+-CBV–,
CBW+-CBW–
Using application circuit
Using application circuit
15
±1.5
±1 (max.)
0 ~ 0.3
4.8 ~ 5.0
2 ~ 20
2.2 (min.)
V
V/
µs
V
V
kHz
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com