Electronic Components Datasheet Search
  English  ▼

X  

ALQ40 Datasheet(PDF) 5 Page - Astec America, Inc

Part # ALQ40
Description  Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40 Datasheet(HTML) 5 Page - Astec America, Inc

  ALQ40 Datasheet HTML 1Page - Astec America, Inc ALQ40 Datasheet HTML 2Page - Astec America, Inc ALQ40 Datasheet HTML 3Page - Astec America, Inc ALQ40 Datasheet HTML 4Page - Astec America, Inc ALQ40 Datasheet HTML 5Page - Astec America, Inc ALQ40 Datasheet HTML 6Page - Astec America, Inc ALQ40 Datasheet HTML 7Page - Astec America, Inc ALQ40 Datasheet HTML 8Page - Astec America, Inc ALQ40 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 5 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Over Voltage Protection Range
7
3V3 (F)
2V5 (G)
1V8 (Y)
1V2 (K)
3.9
3.0
2.0
1.4
4.1
3.2
2.4
1.6
4.9
3.9
2.9
2.1
V
Over Temperature Range
6
(AVG PCB TEMPERATURE)
All
110
-
120
°C
Efficiency
VIN = VIN-NOM; IO = IO,MAX
TA=25°C
3V3 (F)
2V5 (G)
1V8 (Y)
1V2 (K)
η
η
η
η
89.5
89.0
88.0
85.5
90.5
90.0
89.0
86.5
-
-
-
-
%
%
%
%
Turn-On Response Time
VIN = VIN-MIN to VIN-MAX
All
-
-
-
15
ms
Switching Frequency
All
2V5
-
-
440
490
480
540
520
590
KHz
KHz
Dynamic Response:
∆I
O/∆t=0.1A / uS
CO = 0uF
Load Change from IO = 50% to 75% of
IO, Max:
Peak Deviation Settling Time to VO, Nom
Load Change from IO = 50% to 25% of
IO, Max:
Peak Deviation Settling Time to VO, Nom
1V2/1V8
2V5/3V3
All
1V2/1V8
2V5/3V3
All
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.1
100
125
250
100
115
250
-
140
165
500
140
150
500
A/
µs
mV
µs
mV
µs
Output Overshoot
at T-on / T-off
Passive Resistive Full Load
All
-
-
-
5
%Vo
Note:
3. Appropriate Thermal Derating applies. See Appendix B for the Thermal Derating Curves
4. See Figure 2 for Ripple and Noise test measurement setup.
5. In an event of an over current condition - the converter will be latched off. Restart is possible either by
cycling the input voltage or toggling the Enable signal for 100ms. Consult factory for Auto restart
option.
6. Output of the module will be terminated once the operating temp reaches the OTP range. Normal
operation resumes once the temperature falls below the OTP range.
7. The OVP mode is latching. The converter will be latched off once the sensed voltage across the output
pins exceeds the threshold limits. Restart is possible by either cycling the input voltage or toggling the
Enable signal for 100ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com