Electronic Components Datasheet Search
  English  ▼

X  

LM431LA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LM431LA
Description  Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM431LA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LM431LA Datasheet HTML 1Page - List of Unclassifed Manufacturers LM431LA Datasheet HTML 2Page - List of Unclassifed Manufacturers LM431LA Datasheet HTML 3Page - List of Unclassifed Manufacturers LM431LA Datasheet HTML 4Page - List of Unclassifed Manufacturers LM431LA Datasheet HTML 5Page - List of Unclassifed Manufacturers LM431LA Datasheet HTML 6Page - List of Unclassifed Manufacturers LM431LA Datasheet HTML 7Page - List of Unclassifed Manufacturers LM431LA Datasheet HTML 8Page - List of Unclassifed Manufacturers LM431LA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Shunt Regulator
Rev. A/DX 2007-06-04
LM431L
www.taitroncomponents.com
Page 4 of 13
Electrical Characteristics (T
A=25ºC, unless otherwise specified)
LM431L
LM431LA
LM431LB
Symbol
Description
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Test
Circuit
Conditions
VREF
Reference Input
Voltage
1.222
1.240
1.258
1.228
1.240
1.252
1.234
1.240
1.246
V
Fig.1
VKA=VREF,IKA=10mA
0-70° C
-
-
-
-
2
1-
-
2
10
-40-85
° C
-
7.0
20
-
3
10
-
3
10
∆VREF
Reference
Input
Voltage
Deviation
-40-125
° C
-
-
-
-
4
15
-
4
15
mV
Fig.1
(Note1)
VKA=VREF,IKA=10mA
∆VREF/∆VKA
Ratio of Change in
Reference Input
Voltage to Change in
Cathode to Anode
Voltage
-
-0.6
-1.5
-
-0.5
-1.5
-
-0.5
-1.5
mV/V
Fig.2
IKA=
10mA
∆VKA=
VKA(max)
~VREF
IREF
Reference
Input
Current
Ta=25°
C
-
0.15
0.3
-
0.15
0.4
-
0.15
0.4
µA
Fig.2
IKA=10mA, R1=10KΩ,
R2=∞
∆IREF
Reference Input
Current Deviation
Over Temperature
Range
-
0.05
0.08
-
0.1
0.4
-
0.1
0.4
µA
Fig.2
IKA=10mA, R1=10KΩ,
R2=∞
IMIN
Min. Cathode Current
For Regulation
-
55
80
-
55
80
-
55
80
µA
Fig.1
VKA=VREF
-
2.6
1000
-
40
100
-
40
100
VKA= VKA(max),
VREF=0V
IOFF
Off-State Cathode
Current
-
-
-
-
10
50
-
10
50
nA
Fig.3
VKA=6V, VREF=0V
ZKA
Dynamic Impedance
-
0.22
0.4
-
0.05
0.15
-
0.05
0.15
Ω
Fig.1
(Note2)
VKA=VREF,
IKA=1.0mA~ IKA(max),
f≤1.0KHz
Fig.1- Test Circuit for VKA=VREF
Fig.2- Test Circuit for VKA>VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com