Electronic Components Datasheet Search
  English  ▼

X  

PS11017 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PS11017
Description  FLAT-BASE TYPE INSULATED TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS11017 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PS11017 Datasheet HTML 1Page - Powerex Power Semiconductors PS11017 Datasheet HTML 2Page - Powerex Power Semiconductors PS11017 Datasheet HTML 3Page - Powerex Power Semiconductors PS11017 Datasheet HTML 4Page - Powerex Power Semiconductors PS11017 Datasheet HTML 5Page - Powerex Power Semiconductors PS11017 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS11017
FLAT-BASE TYPE
INSULATED TYPE
May 2001
SC delay time
Short circuit sensing signal VS
Error output FO1
Gate signal Vo of each phase
upper arm(ASIPM internal)
Input signal VCIN of each phase
upper arm
0V
0V
0V
0V
0V
0V
0V
0V
0V
Input signal VCIN(p) of each phase upper arm
Input signal VCIN(n) of each phase lower arm
Gate signal Vo(p) of each phase upper arm
(ASIPM internal)
Gate signal Vo(n) of each phase upper arm
(ASIPM internal)
Error output FO1
200
–200
Analogue output signal
data hold range
1
2
3
4
5
400
300
100
0
–100
–300
–400
0
VC+(200%)
VC0
VC
–(200%)
VC+
VC–
min
max
Real load current peak value.(%)(Ic=Io! 2)
VDH=15V
TC=
–20~100˚C
(Fig. 4)
Fig. 4 OUTPUT CURRENT ANALOGUE SIG-
NALING LINEARITY
Fig. 5 OUTPUT CURRENT ANALOGUE SIGNALING
“DATA HOLD” DEFINITION
Fig. 6 INPUT INTERLOCK OPERATION TIMING CHART
Note : Input interlock protection circuit ; It is operated when the input signals for any upper-arm / lower-arm pair of a phase are simulta-
neously in “LOW” level.
By this interlocking, both upper and lower IGBTs of this mal-triggered phase are cut off, and “FO” signal is outputted. After an “input
interlock” operation the circuit is latched. The “FO” is reset by the high-to-low going edge of either an upper-leg, or a lower-leg input,
whichever comes in later.
Fig. 7 TIMING CHART AND SHORT CIRCUIT PROTECTION OPERATION
Note : Short circuit protection operation. The protection operates with “FO” flag and reset on a pulse-by-pulse scheme. The protection by
gate shutdown is given only to the IGBT that senses an overload (excluding the IGBT for the “Brake”).
VCH(5
µs)
VCH(505
µs)
0V
VC
500
µs
rCH=
VCH(505
µs)-VCH(5µs)
VCH(5
µs)
Note ; Ringing happens around the point where the signal output
voltage changes state from “analogue” to “data hold” due
to test circuit arrangement and instrumentational trouble.
Therefore, the rate of change is measured at a 5
µs delayed point.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com