Electronic Components Datasheet Search
  English  ▼

X  

APC12G08 Datasheet(PDF) 22 Page - Astec America, Inc

Part # APC12G08
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12G08 Datasheet(HTML) 22 Page - Astec America, Inc

Back Button APC12G08 Datasheet HTML 15Page - Astec America, Inc APC12G08 Datasheet HTML 16Page - Astec America, Inc APC12G08 Datasheet HTML 17Page - Astec America, Inc APC12G08 Datasheet HTML 18Page - Astec America, Inc APC12G08 Datasheet HTML 19Page - Astec America, Inc APC12G08 Datasheet HTML 20Page - Astec America, Inc APC12G08 Datasheet HTML 21Page - Astec America, Inc APC12G08 Datasheet HTML 22Page - Astec America, Inc APC12G08 Datasheet HTML 23Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 22 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Mechanical Specifications (continued)
PACKING AND SHIPPING
Standard packaging for the modules will be in tape and reel. Jedec-style tray packaging is also available (add suffix
"J" in pn). Please refer to the ordering information. Maximum number of modules in a reel is 250 pcs. The tray can
hold 35 modules max. Please refer to Figure 59 for the T&R carrier dimensions and Figure 60 for the tray dimensions.
Figure 59. Tape/ pocket dimensions
Figure 60. Jedec-style tray dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com