Electronic Components Datasheet Search
  English  ▼

X  

APC12F08 Datasheet(PDF) 16 Page - Astec America, Inc

Part # APC12F08
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12F08 Datasheet(HTML) 16 Page - Astec America, Inc

Back Button APC12F08 Datasheet HTML 12Page - Astec America, Inc APC12F08 Datasheet HTML 13Page - Astec America, Inc APC12F08 Datasheet HTML 14Page - Astec America, Inc APC12F08 Datasheet HTML 15Page - Astec America, Inc APC12F08 Datasheet HTML 16Page - Astec America, Inc APC12F08 Datasheet HTML 17Page - Astec America, Inc APC12F08 Datasheet HTML 18Page - Astec America, Inc APC12F08 Datasheet HTML 19Page - Astec America, Inc APC12F08 Datasheet HTML 20Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 16 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Performance Curve - Thermal Derating (continued)
APC12F08, 8V INPUT
0
2
4
6
8
10
12
14
5
15
2535
4555
6575
85
Am bient Tem perature [oC]
200 LFM
400 LFM
600LFM
Figure 25. F08 – Load current vs. ambient temp.
Figure 26. G03 – Load current vs. ambient temp.
Figure 27. Y03 – Load current vs. ambient temp.
Figure 28. M03 – Load current vs. ambient temp.
APC12J08, 8V INPUT
0
2
4
6
8
10
12
14
5
1525
35
4555
65
7585
Ambient Temperature [oC]
200 LFM
400 LFM
600LFM
Figure 29. K03 – Load current vs. ambient temp.
Figure 30. J03 – Load current vs. ambient temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com