Electronic Components Datasheet Search
  English  ▼

X  

ATH22T033 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ATH22T033
Description  22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH22T033 Datasheet(HTML) 1 Page - Astec America, Inc

  ATH22T033 Datasheet HTML 1Page - Astec America, Inc ATH22T033 Datasheet HTML 2Page - Astec America, Inc ATH22T033 Datasheet HTML 3Page - Astec America, Inc ATH22T033 Datasheet HTML 4Page - Astec America, Inc ATH22T033 Datasheet HTML 5Page - Astec America, Inc ATH22T033 Datasheet HTML 6Page - Astec America, Inc ATH22T033 Datasheet HTML 7Page - Astec America, Inc ATH22T033 Datasheet HTML 8Page - Astec America, Inc ATH22T033 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Standard Application
Features
• Up to 22-A Output Current
• 3.3-V Input Voltage
• Wide-Output Voltage Adjust
(0.8 V to 2.5 V)
• Efficiencies up to 93 %
• 120 W/in³ Power Density
• On/Off Inhibit
• Output Voltage Sense
• Pre-Bias Startup
• Margin Up/Down Controls
• Under-Voltage Lockout
ATH22T033 Series —3.3-V Input
22-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
Rset = Resistor to set the desired output
voltage (see spec. table for values).
Cin = Required electrolytic 1,000 µF
Cout = Recommended 330 µF electrolytic
• Auto-Track™ Sequencing
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• Over-Temperature Protection
• Operating Temp: –40 to +85 °C
• IPC Lead Free 2
• Safety Agency Approvals (Pending)
UL 1950, CSA 22.2 950, &
EN60950
• Point-of-load Alliance (POLA)
Compatible
Margin Up
Margin Down
V
IN
L
O
A
D
C
IN
1,000 µF
(Required)
C
OUT
330 µF
(Optional)
Inhibit
GND
GND
V
OUT
V
o Sense
Track
R
SET (Required)
0.1 W, 1 %
PTH03020W
(Top View)
1
2
10
9
8
7
6
5
4
3
Description
The ATH22T033 series of non-isolated
power modules offers OEM designers a
combination of high performance, small
footprint, and industry leading features.
As part of a new class of power modules
these products provide designers with the
flexibility to power the most complex
multi-processor digital systems using
off-the-shelf catalog parts.
The series employs double-sided surface
mount construction and provides high-
performance step-down power conversion
for up to 22 A of output current from a
3.3-V input bus voltage. The output volt-
age of the ATH22T033 can be set to any
value over the range, 0.8 V to 2.5 V, using
a single resistor.
This series includes Auto-Track™.
Auto-Track simplifies the task of supply
voltage sequencing in a power system by
enabling modules to track each other, or
any external voltage, during power up and
power down.
Other operating features include an
on/off inhibit, output voltage adjust (trim),
and margin up/down controls. To ensure
tight load regulation, an output voltage
sense is also provided. A non-latching
over-current trip and over-tempterature
shutdown provide load fault protection.
Target applications include complex
multi-voltage, multi-processor systems
that incorporate the industry’s high-speed
DSPs, micro-processors and bus drivers.
Auto-Track™
Sequencing
Pin Configuration
Pin
Function
1
GND
2Vin
3
Inhibit *
4Vo Adjust
5Vo Sense
6Vout
7
GND
8
Track
9
Margin Down *
10
Margin Up *
* Denotes negative logic:
Open
= Normal operation
Ground = Function active
NOMINAL SIZE =
1.5 in x 0.87 in
(38,1 mm x 22,1 mm)
ATH22T033-9S
REVISION 00 (3DEC2003)


Similar Part No. - ATH22T033

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH22T033-9 ASTEC-ATH22T033-9 Datasheet
581Kb / 2P
22Amps
ATH22T033-9J ASTEC-ATH22T033-9J Datasheet
581Kb / 2P
22Amps
ATH22T033-9S ASTEC-ATH22T033-9S Datasheet
581Kb / 2P
22Amps
ATH22T033-9SJ ASTEC-ATH22T033-9SJ Datasheet
581Kb / 2P
22Amps
More results

Similar Description - ATH22T033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com