Electronic Components Datasheet Search
  English  ▼

X  

AUD03F48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AUD03F48
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AUD03F48 Datasheet(HTML) 1 Page - Astec America, Inc

  AUD03F48 Datasheet HTML 1Page - Astec America, Inc AUD03F48 Datasheet HTML 2Page - Astec America, Inc AUD03F48 Datasheet HTML 3Page - Astec America, Inc AUD03F48 Datasheet HTML 4Page - Astec America, Inc AUD03F48 Datasheet HTML 5Page - Astec America, Inc AUD03F48 Datasheet HTML 6Page - Astec America, Inc AUD03F48 Datasheet HTML 7Page - Astec America, Inc AUD03F48 Datasheet HTML 8Page - Astec America, Inc AUD03F48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MODEL : AUD 10W SERIES
April 05 REVISION 02
SHEET 1 OF 15
Technical Reference Note
Ultra Low Profile
AUD 10W Series
AUD 10W Ultra Low Profile DC – DC Module
(Pb-free reflow compatible and ROHS Compliant)
The AUD 10W series is Astec’s new Ultra Low Profile, 48Vin, SMT isolated single output modules. With the Ultra Low
Profile SMT design (only 4.3mm height), the module can be flexible mounted on the top side or the bottom side of
motherboard. The AUD 10W series also comes with enhanced features such as Remote on/off (RC), parallel application
(PO), Power Good (ALM), and the protection of OVP, OCP and UVLO.
Special Features
•
Ultra Low Profile – 4.3mm height
• Efficiency – 89% @ 5V
• -40 °C to +85°C Ambient Operating temperature
(0.2m/s air flow)
• Open Frame SMT
•
Low output ripple and noise
• Regulation to zero load
• CISPR22, Class A for Conduct and Radiated EMI
•
Parallel Application
•
UL/cUL 1950, CE Mark
•
Pb-free reflow compatible and ROHS Compliant
Electrical Parameters
Input
Input range
36 – 60Vdc
60 – 75Vdc (forced air 0.5m/s)
Efficiency
89% @5Vo
Control
Enable
ON: RC pin connected to –Vin or Open
OFF: RC pin connected to +Vin
Output
Line / Load Regulation
+5%, -3%
Ripple and Noise
50mVp-p
OVP
120% of Vonom (Latch-
up)
OCP
3.1A for 1.5V –3.3V
2.1A for 5V
LVP
95% of Vonom (1.5V)
90% of Vonom (others)
(Latch-up)
Isolation
1500VDC (1 minute)


Similar Part No. - AUD03F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUD03F48 ASTEC-AUD03F48 Datasheet
87Kb / 2P
10 Watts Embedded Power
logo
Emerson Network Power
AUD03F48 EMERSON-NETWORKPOWER-AUD03F48 Datasheet
87Kb / 2P
Ultra Low Profile - 4.3mm
More results

Similar Description - AUD03F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUG15W ASTEC-AUG15W Datasheet
312Kb / 15P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG20W ASTEC-AUG20W Datasheet
326Kb / 15P
Ultra Low Profile DC- DC Module (Pb-free reflow compatible and ROHS Compliant)
AUK30W ASTEC-AUK30W Datasheet
319Kb / 15P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUM10W ASTEC-AUM10W Datasheet
304Kb / 15P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AVC20W ASTEC-AVC20W Datasheet
357Kb / 16P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
logo
Seoul Semiconductor
SFT825N-S SEOUL-SFT825N-S_09 Datasheet
736Kb / 18P
Pb-free Reflow Soldering application RoHS Compliant
SFT825Z-S SEOUL-SFT825Z-S_09 Datasheet
746Kb / 18P
Pb-free Reflow Soldering application RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com