Electronic Components Datasheet Search
  English  ▼

X  

AUD02A48 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AUD02A48
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AUD02A48 Datasheet(HTML) 2 Page - Astec America, Inc

  AUD02A48 Datasheet HTML 1Page - Astec America, Inc AUD02A48 Datasheet HTML 2Page - Astec America, Inc AUD02A48 Datasheet HTML 3Page - Astec America, Inc AUD02A48 Datasheet HTML 4Page - Astec America, Inc AUD02A48 Datasheet HTML 5Page - Astec America, Inc AUD02A48 Datasheet HTML 6Page - Astec America, Inc AUD02A48 Datasheet HTML 7Page - Astec America, Inc AUD02A48 Datasheet HTML 8Page - Astec America, Inc AUD02A48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MODEL : AUD 10W SERIES
April 05 REVISION 02
SHEET 2 OF 15
Technical Reference Note
Ultra Low Profile
AUD 10W Series
AUD 10W Ultra Low Profile Series
THIS SPECIFICATION COVERS THE REQUIREMENTS
MODEL NAME
SIS CODE
Vout,Iout
AUD03M48
AUD03Y48
AUD03G48
AUD03F48
AUD02A48
AUD03M48
AUD03Y48
AUD03G48
AUD03F48
AUD02A48
1.5V @ 3.5A
1.8V @ 3A
2.5V @ 3A
3.3V @ 3A
5V @ 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com