Electronic Components Datasheet Search
  English  ▼

X  

SA2005M Datasheet(PDF) 10 Page - Sames

Part # SA2005M
Description  Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005M Datasheet(HTML) 10 Page - Sames

Back Button SA2005M Datasheet HTML 4Page - Sames SA2005M Datasheet HTML 5Page - Sames SA2005M Datasheet HTML 6Page - Sames SA2005M Datasheet HTML 7Page - Sames SA2005M Datasheet HTML 8Page - Sames SA2005M Datasheet HTML 9Page - Sames SA2005M Datasheet HTML 10Page - Sames SA2005M Datasheet HTML 11Page - Sames SA2005M Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10/12
sames
sames
SA2005M
http://www.sames.co.za
Parts List for Application Circuit: Figure 8
Note 1: Resistor (R1 to R6) values are dependent on the selection of the termination resistors (R29 to R31) and CT combination
Note 2: Capacitor values may be selected to compensate for phase errors caused by the current transformers.
Note 3: Capacitor C6 to be positioned as close as possible to supply pins V
and V
of U1 as possible.
DD
SS
U1
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19
R20
R21
R22
R23
R24
R25
R26
R27
R28
R29
R30
R31
C1
C2
C3
C4
C5
C6
D1
D2
D3
D4
D5
D6
D7
CNT1
CT1
CT2
CT3
Symbol
Description
SA2005M
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 5%, carbon
Resistor, 1k, 1/4W, 5%, carbon
Resistor, 1k, 1/4W, 5%, carbon
Resistor, 1k, 1/4W, 5%, carbon
Resistor, 1M, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 22k, 1/4W, 1%, metal
Resistor, 22k, 1/4W, 1%, metal
Resistor, 22k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 1%, metal
Resistor, 3.6 , 1/4W, 1%, metal
Resistor, 3.6 , 1/4W, 1%, metal
Resistor, 3.6 , 1/4W, 1%, metal
Capacitor, 1µF, 16V, electrolytic
Capacitor, 1µF, 16V, electrolytic
Capacitor, 1µF, 16V, electrolytic
Capacitor, 220nF
Capacitor, 220nF
Capacitor, 820nF
3mm Light emitting diode
3mm Light emitting diode
3mm Light emitting diode
3mm Light emitting diode
3mm Light emitting diode
3mm Light emitting diode
3 mm Light emitting diode
Mechanical stepper motor counter
Current Transformer, TZ76
Current Transformer, TZ76
Current Transformer, TZ76
W
W
W
Detail
DIP-24 / SOIC-24
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 2
Note 2
Note 2
Note 3
Direction indicator
V1 Fail indicator
Direction indicator
V2 Fail indicator
Direction indicator
V3 Fail indicator
Calibration LED
2500:1
2500:1
2500:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com