Electronic Components Datasheet Search
  English  ▼

X  

SA2005MPA Datasheet(PDF) 6 Page - Sames

Part # SA2005MPA
Description  Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005MPA Datasheet(HTML) 6 Page - Sames

Back Button SA2005MPA Datasheet HTML 2Page - Sames SA2005MPA Datasheet HTML 3Page - Sames SA2005MPA Datasheet HTML 4Page - Sames SA2005MPA Datasheet HTML 5Page - Sames SA2005MPA Datasheet HTML 6Page - Sames SA2005MPA Datasheet HTML 7Page - Sames SA2005MPA Datasheet HTML 8Page - Sames SA2005MPA Datasheet HTML 9Page - Sames SA2005MPA Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
sames
sames
SA2005M
http://www.sames.co.za
6/12
Return
through Earth
Load
Imbalance
Phase
Voltages
During normal conditions, the LEDs
are continuously switched on.
Phase Failure,
no voltage
The SA2005M will record the energy
consumption accurately under this condition
Phase
Sequence
Error
Method
Result
The SA2005M will record the energy
consumption accurately under this condition
Input / Output
Terminals
Interchanged
The SA2005M will record the energy
consumption accurately under this condition
Missing
Neutral
Connection
In this case, the meter would register the
energy consumption correct.
A indication for this condition could be
realized external to the IC.
The SA2005M will record the energy
consumption accurately under this condition
One LED is provided for each phase to indicate abnormal
operating conditions.
In case of a phase failure, the corresponding LED is
switched off.
In case of phase sequence error, the phase LED’s are flashing
with a repetition rate of approximately 1Hz. The direction LED’s
will show which phases is swapped, by switching the corres-
ponding two direction LED’s off. A connection of a line voltage
to the neutral terminal would be indicated in the same way.
Description
One LED is provided for each current sensor to indicate
reverse energy flow. If detected, the corresponding LED is
switched off. The SA2005M can be configured to accumulate
the absolute energy consumption for each phase measured,
irrespective of the direction of the energy flow.
The architecture of the meter should provide for a good
"phantom neutral" in cases where the neutral is disconnected
from the meter.
The SA2005M will therefore record the energy consumption
accurately under this condition.
ANTI-TAMPER CONDITIONS
The SA2005M caters for the following meter tamper conditions, which are indicated as follows:
Using the RA, RE and IM inputs
The following formulas can be used to calculate the LED
output and motor pulse rates. Note that for the motor pulse
rates shown in the datasheet a MOP pulse followed by a
MON pulse is treated as two energy pulses.
The following table shows the combinations for some the common rated conditions. IM is selected so that the counter increments to
the highest possible rate.
10
20
30
40
60
80
230
230
230
230
230
230
PH/DIR
PH/DIR
VDD
PH/DIR
VDD
PH/DIR
PH/DIR or VDD
PH/DIR or VDD
PH/DIR or VDD
VSS or Open
VSS or Open
VSS or Open
VDD
VDD
VDD
VDD
VDD
VDD
3200
1600
1600
3200
3200
1600
800
400
400
200
200
100
Motor Pulse
Rate (Pulses/kWh)
LED Pulse rate
(Pulses/kWh)
IM
RE
RA
Vmax
Imax
LED pulses/kWh = 36.8 x RA x
Where:
Imax = Meters maximum rated current
Vnom = Meters nominal voltage
RA = 1/3, 2/3 or 3/3 (see Rated RA section)
RE = 1 or 4 (see resolution RE section)
3600
Imax x Vnom x 3
1000
1
RE
x
Motor pulses/kWh = 36.8 x RA x
Where:
Imax = Meters maximum rated current
Vnom = Meters nominal voltage
RA = 1/3, 2/3 or 3/3 (see Rated RA section)
ImFactor depends on IM:
IM = VDD then ImFactor = 16
IM = PH/DIR then ImFactor = 160
IM = VSS then ImFactor = 1600
3600
Imax x Vnom x 3
1000
1
ImFactor
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com