Electronic Components Datasheet Search
  English  ▼

X  

T6LE2 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # T6LE2
Description  Gate Driver for TFT LCD Panels
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6LE2 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button T6LE2 Datasheet HTML 4Page - Toshiba Semiconductor T6LE2 Datasheet HTML 5Page - Toshiba Semiconductor T6LE2 Datasheet HTML 6Page - Toshiba Semiconductor T6LE2 Datasheet HTML 7Page - Toshiba Semiconductor T6LE2 Datasheet HTML 8Page - Toshiba Semiconductor T6LE2 Datasheet HTML 9Page - Toshiba Semiconductor T6LE2 Datasheet HTML 10Page - Toshiba Semiconductor T6LE2 Datasheet HTML 11Page - Toshiba Semiconductor T6LE2 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
T6LE2
2006-09-20
9
Absolute Maximum Ratings (VSS = 0 V)
Parameter
Symbol
Rating
Unit
Supply voltage (1)
VDD
−0.3 to 4.0
Supply voltage (2)
VGG
−0.3 to 48.0
Supply voltage (3)
VEE
−20.0 to 0.3
Supply voltage (4)
VGG − VEE
−0.3 to 45.0
Input voltage
VIN
−0.3 to VDD + 0.3
V
Storage temperature
Tstg
−55 to 125
°C
Recommended Operating Conditions (VSS = 0 V)
Parameter
Symbol
Rating
Unit
Supply voltage (1)
VDD
2.3 to 3.6
Supply voltage (2)
VGG
10 to 35
Supply voltage (3)
VEE
−15 to −5
Supply voltage (4)
VGG − VEE
15.0 to 43.5
V
Operating temperature
Topr
−20 to 75
°C
Operating frequency
fCPV
150 (max)
kHz
Output Load capacitance
CL
300 (max)
pF/PIN
Electrical Characteristics
DC Characteristics
(VGG − VEE = 30.0 to 43.5 V, VDD = 2.3 to 3.6 V, VSS = 0 V, Ta = −20 to 75°C)
Parameter
Symbol
Test
circuit
Test Conditions
Min
Max
Unit
Relevant
Low Level
VIL1
⎯
VSS
0.3
×
VDD
Input voltage (1)
High Level
VIH1
⎯
⎯
0.7
×
VDD
VDD
V
(Note1)
Low Level
VIL2
⎯
VSS
(0.3
×
VDD)
Input voltage (2)
High Level
VIH2
⎯
⎯
(0.7
×
VDD)
VDD
V
XDON
Low Level
VOL
IOL = 40 μA
VSS
VSS +
0.4
Output voltage
High Level
VOH
⎯
IOH = −40 μA
VDD −
0.4
VDD
V
DI/O
DO/I
Low Level
ROL
VOUT = VEE + 0.5 V
Output
resistance
High Level
ROH
⎯
VOUT = VGG − 0.5 V
⎯
1000
Ω
G1 to G300
IIN1
⎯
−1
1
(Note1)
Input leakage current
IIN2
⎯
VIN = VDD
−1
1
μA
XDON
Current consumption (1)
IGG
⎯
T.B.D.
VGG
Current consumption (2)
IDD
⎯
T.B.D.
VDD
Current consumption (3)
IEE
⎯
no load
(Note2)
⎯
T.B.D.
μA
VEE
Note1: Input pins : DI/O, DO/I, CPVL/R, OE L/R
Note2: fCPV = 50kHz, Shift data input : 60Hz, OE = low level, XDON = high level, MODE1 / MODE2 = high level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com