Electronic Components Datasheet Search
  English  ▼

X  

TA48LS015F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA48LS015F
Description  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS015F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA48LS015F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 9Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 10Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
7
Electrical Characteristics Common to All Products
• Tj = 25°C in the measurement conditions of each item is the standard condition when a pulse test is carried
out, and any drift in the electrical characteristic due to a rise in the junction temperature of the chip may be
disregarded.
Standard Application Circuit
• Be sure to connect a capacitor near the input terminal and output terminal between both terminals and GND.
The use of a monolithic ceramic capacitor (B Characteristic or X7R) of low ESR (equivalent series resistance)
is recommended. The IC may oscillate due to external conditions (output current, temperature, or the type of
the capacitor used). The type of capacitor required must be determined by the actual application circuit in
which the IC is used.
The notice in case of application
• The IC might be destroyed if a voltage greater than the input terminal voltage is applied to the output
terminal, or if the input terminal is connected to GND during operation. To prevent such an occurrence,
connect a diode as in the following diagram.
• There is a possibility that internal parasitic devices may be generated when momentary transients cause a
terminal’s potential to fall below that of the GND terminal. In such case, that the device could be destroyed.
The voltage of each terminal and any state must therefore never fall below the GND potential.
• Depending on the load conditions, a steep increase in the input voltage applied (VIN) may cause a momentary
rise in output voltage (VOUT) even if the EN (enable) pin is Low. Treat with care.
CIN
0.33
μF
IN
OUT
EN
NC
GND
CPU etc.
Load
COUT
1
μF
TA48LS***F
CIN
0.33
μF
IN
OUT
EN
NC
GND
CPU etc.
Load
COUT
1
μF
TA48LS***F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com