Electronic Components Datasheet Search
  English  ▼

X  

TA48LS05F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA48LS05F
Description  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS05F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA48LS05F Datasheet HTML 1Page - Toshiba Semiconductor TA48LS05F Datasheet HTML 2Page - Toshiba Semiconductor TA48LS05F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS05F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS05F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS05F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS05F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS05F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS05F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
4
TA48LS015F
Electrical Characteristics
(Unless otherwise specified, VEN = VIN, CIN = 0.33 μF, COUT = 1 μF, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
VIN = 3.5 V, IOUT = 150 mA
1.462
1.500
1.538
V
Line regulation
Reg・line
2.5 V <= VIN <= 6.5 V, IOUT = 150 mA
⎯
1
20
mV
Load regulation
Reg・load
VIN = 3.5V, 5 mA <= IOUT <= 300 mA
⎯
2
20
mV
2.5V <= VIN <= 6.5V, IOUT = 0 A
⎯
1.0
1.7
Quiescent current
IB
2.5 V <= VIN <= 6.5 V, IOUT = 300 mA
⎯
5
10
mA
Quiescent current (OFF mode)
IB(OFF)
2.5 V <= VIN <= 6.5 V, VEN = 0.4 V
⎯
0.2
5.0
μA
VIN = 2.1 V, IOUT = 0 A
⎯
1.00
2.3
Starting quiescent current
IBstart
VIN = 2.2 V, IOUT = 300 mA
⎯
5.3
18.0
mA
Output noise voltage
VNO
VIN = 3.5 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
⎯
45
⎯
μVrms
Ripple rejection
R.R.
VIN = 3.5 V, IOUT = 50 mA,
f
= 120 Hz
⎯
75
⎯
dB
IOUT = 150 mA
⎯
0.5
0.7
Dropout voltage
VD
IOUT = 300 mA
⎯
0.7
1.0
V
Output control voltage (ON)
VEN(ON)
⎯
2
⎯
⎯
V
Output control voltage (OFF)
VEN(OFF)
⎯
⎯
⎯
0.8
V
Output control current (ON)
IEN(ON)
VIN = VEN = 3.5 V
⎯
32
50
μA
Average temperature
coefficient of output voltage
TCVO
VIN = 3.5 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
⎯
0.14
⎯
mV/°C
TA48LS018F
Electrical Characteristics
(Unless otherwise specified, VEN = VIN, CIN = 0.33 μF, COUT = 1 μF, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
VIN = 3.8 V, IOUT = 150 mA
1.755
1.800
1.845
V
Line regulation
Reg・line
2.8 V <= VIN <= 6.8V, IOUT = 150 mA
⎯
1
20
mV
Load regulation
Reg・load
VIN = 3.8 V, 5 mA <= IOUT <= 300 mA
⎯
2
20
mV
2.8 V <= VIN <= 6.8 V, IOUT = 0 A
⎯
1.0
1.7
Quiescent current
IB
2.8 V <= VIN <= 6.8 V, IOUT = 300 mA
⎯
5
10
mA
Quiescent current (OFF mode)
IB(OFF)
2.8 V <= VIN <= 6.8 V, VEN = 0.4 V
⎯
0.2
5.0
μA
VIN = 2.1 V, IOUT = 0 A
⎯
1.00
2.3
Starting quiescent current
IBstart
VIN = 2.3 V, IOUT = 300 mA
⎯
5.6
18.0
mA
Output noise voltage
VNO
VIN = 3.8 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
⎯
45
⎯
μVrms
Ripple rejection
R.R.
VIN = 3.8 V, IOUT = 50 mA,
f
= 120 Hz
⎯
75
⎯
dB
IOUT = 150 mA
⎯
0.23
0.50
Dropout voltage
VD
IOUT = 300 mA
⎯
0.5
0.7
V
Output control voltage (ON)
VEN(ON)
⎯
2
⎯
⎯
V
Output control voltage (OFF)
VEN(OFF)
⎯
⎯
⎯
0.8
V
Output control current (ON)
IEN(ON)
VIN = VEN = 3.8 V
⎯
35
55
μA
Average temperature
coefficient of output voltage
TCVO
VIN = 3.8 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
⎯
0.15
⎯
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com