Electronic Components Datasheet Search
  English  ▼

X  

48M033F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 48M033F
Description  Three-Terminal Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

48M033F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  48M033F Datasheet HTML 1Page - Toshiba Semiconductor 48M033F Datasheet HTML 2Page - Toshiba Semiconductor 48M033F Datasheet HTML 3Page - Toshiba Semiconductor 48M033F Datasheet HTML 4Page - Toshiba Semiconductor 48M033F Datasheet HTML 5Page - Toshiba Semiconductor 48M033F Datasheet HTML 6Page - Toshiba Semiconductor 48M033F Datasheet HTML 7Page - Toshiba Semiconductor 48M033F Datasheet HTML 8Page - Toshiba Semiconductor 48M033F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TA48M025,03,033,0345,04,05F
2007-03-16
4
TA48M033F
Electrical Characteristics
(unless otherwise specified, VIN = 5.3 V, IOUT = 250 mA, Tj = 25°C, CIN = 0.1 μF, COUT = 10 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
⎯
⎯
3.168
3.3
3.432
Output voltage
VOUT
⎯
4.3 V
≤ VIN ≤ 16 V,
5 mA
≤ IOUT ≤ 500 mA,
0°C
≤ Tj ≤ 125°C
3.135
3.3
3.465
V
Line regulation
Reg·line
⎯
4.3 V
≤ VIN ≤ 16 V
⎯
10
23
mV
Load regulation
Reg·load
⎯
5 mA
≤ IOUT ≤ 500 mA
⎯
45
105
mV
⎯
4.3 V
≤ VIN ≤ 16 V,
IOUT = 0 mA
⎯
0.8
1.4
Quiescent current
IB
⎯
4.3 V
≤ VIN ≤ 16 V,
IOUT = 250 mA
⎯
12
25
mA
Output noise voltage
VNO
⎯
10 Hz
≤ f ≤ 100 kHz,
IOUT = 50 mA
⎯
90
⎯
μVrms
Ripple rejection
R.R.
⎯
f
= 120 Hz, 4.3 V ≤ VIN ≤ 16 V,
IOUT = 50 mA
60
70
⎯
dB
⎯
IOUT = 250 mA
⎯
0.17
0.35
Dropout voltage
VD
⎯
IOUT = 500 mA
⎯
0.35
0.65
V
Peak circuit current
IPEAK
⎯
⎯
0.60
1.20
1.45
A
Short circuit current
ISC
⎯
⎯
0.60
1.20
1.45
A
TA48M0345F
Electrical Characteristics
(unless otherwise specified, VIN = 5.45 V, IOUT = 250 mA, Tj = 25°C, CIN = 0.1 μF, COUT = 10 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
⎯
⎯
3.312
3.45
3.588
Output voltage
VOUT
⎯
4.45 V
≤ VIN ≤ 16 V,
5 mA
≤ IOUT ≤ 500 mA,
0°C
≤ Tj ≤ 125°C
3.278
3.45
3.622
V
Line regulation
Reg·line
⎯
4.45 V
≤ VIN ≤ 16 V
⎯
12
25
mV
Load regulation
Reg·load
⎯
5 mA
≤ IOUT ≤ 500 mA
⎯
45
110
mV
⎯
4.45 V
≤ VIN ≤ 16 V,
IOUT = 0 mA
⎯
0.8
1.4
Quiescent current
IB
⎯
4.45 V
≤ VIN ≤ 16 V,
IOUT = 250 mA
⎯
12
25
mA
Output noise voltage
VNO
⎯
10 Hz
≤ f ≤ 100 kHz,
IOUT = 50 mA
⎯
90
⎯
μVrms
Ripple rejection
R.R.
⎯
f
= 120 Hz, 4.45 V ≤ VIN ≤ 16 V,
IOUT = 50 mA
60
70
⎯
dB
⎯
IOUT = 250 mA
⎯
0.17
0.35
Dropout voltage
VD
⎯
IOUT = 500 mA
⎯
0.35
0.65
V
Peak circuit current
IPEAK
⎯
⎯
0.60
1.20
1.45
A
Short circuit current
ISC
⎯
⎯
0.60
1.20
1.45
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com