Electronic Components Datasheet Search
  English  ▼

X  

48M033 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 48M033
Description  Three-Terminal Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

48M033 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  48M033 Datasheet HTML 1Page - Toshiba Semiconductor 48M033 Datasheet HTML 2Page - Toshiba Semiconductor 48M033 Datasheet HTML 3Page - Toshiba Semiconductor 48M033 Datasheet HTML 4Page - Toshiba Semiconductor 48M033 Datasheet HTML 5Page - Toshiba Semiconductor 48M033 Datasheet HTML 6Page - Toshiba Semiconductor 48M033 Datasheet HTML 7Page - Toshiba Semiconductor 48M033 Datasheet HTML 8Page - Toshiba Semiconductor 48M033 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TA48M025,03,033,0345,04,05F
2007-03-16
3
TA48M025F
Electrical Characteristics
(unless otherwise specified, VIN = 4.5 V, IOUT = 250 mA, Tj = 25°C, CIN = 0.1 μF, COUT = 10 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
⎯
⎯
2.4
2.5
2.6
Output voltage
VOUT
⎯
3.5 V
≤ VIN ≤ 16 V,
5 mA
≤ IOUT ≤ 500 mA,
0°C
≤ Tj ≤ 125°C
2.375
2.5
2.625
V
Line regulation
Reg·line
⎯
3.5 V
≤ VIN ≤ 16 V
⎯
7
18
mV
Load regulation
Reg·load
⎯
5 mA
≤ IOUT ≤ 500 mA
⎯
45
90
mV
⎯
3.5 V
≤ VIN ≤ 16 V,
IOUT = 0 mA
⎯
0.8
1.4
Quiescent current
IB
⎯
3.5 V
≤ VIN ≤ 16 V,
IOUT = 250 mA
⎯
12
25
mA
Output noise voltage
VNO
⎯
10 Hz
≤ f ≤ 100 kHz,
IOUT = 50 mA
⎯
72
⎯
μVrms
Ripple rejection
R.R.
⎯
f
= 120 Hz, 3.5 V ≤ VIN ≤ 16 V,
IOUT = 50 mA
62
72
⎯
dB
⎯
IOUT = 250 mA
⎯
0.17
0.35
Dropout voltage
VD
⎯
IOUT = 500 mA
⎯
0.35
0.65
V
Peak circuit current
IPEAK
⎯
⎯
0.60
1.15
1.40
A
Short circuit current
ISC
⎯
⎯
0.60
1.15
1.40
A
TA48M03F
Electrical Characteristics
(unless otherwise specified, VIN = 5 V, IOUT = 250 mA, Tj = 25°C, CIN = 0.1 μF, COUT = 10 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
⎯
⎯
2.88
3.0
3.12
Output voltage
VOUT
⎯
4 V
≤ VIN ≤ 16 V,
5 mA
≤ IOUT ≤ 500 mA,
0°C
≤ Tj ≤ 125°C
2.85
3.0
3.15
V
Line regulation
Reg·line
⎯
4 V
≤ VIN ≤ 16 V
⎯
8
21
mV
Load regulation
Reg·load
⎯
5 mA
≤ IOUT ≤ 500 mA
⎯
45
95
mV
⎯
4 V
≤ VIN ≤ 16 V,
IOUT = 0 mA
⎯
0.8
1.4
Quiescent current
IB
⎯
4 V
≤ VIN ≤ 16 V,
IOUT = 250 mA
⎯
12
25
mA
Output noise voltage
VNO
⎯
10 Hz
≤ f ≤ 100 kHz,
IOUT = 50 mA
⎯
90
⎯
μVrms
Ripple rejection
R.R.
⎯
f
= 120 Hz, 4 V ≤ VIN ≤ 16 V,
IOUT = 50 mA
60
70
⎯
dB
⎯
IOUT = 250 mA
⎯
0.17
0.35
Dropout voltage
VD
⎯
IOUT = 500 mA
⎯
0.35
0.65
V
Peak circuit current
IPEAK
⎯
⎯
0.60
1.20
1.45
A
Short circuit current
ISC
⎯
⎯
0.60
1.20
1.45
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com