Electronic Components Datasheet Search
  English  ▼

X  

AD-60B Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AD-60B
Description  60W Single Output Switching Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AD-60B Datasheet(HTML) 2 Page - Astrodyne Corporation

  AD-60B Datasheet HTML 1Page - Astrodyne Corporation AD-60B Datasheet HTML 2Page - Astrodyne Corporation AD-60B Datasheet HTML 3Page - Astrodyne Corporation AD-60B Datasheet HTML 4Page - Astrodyne Corporation AD-60B Datasheet HTML 5Page - Astrodyne Corporation AD-60B Datasheet HTML 6Page - Astrodyne Corporation AD-60B Datasheet HTML 7Page - Astrodyne Corporation AD-60B Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
60W Single Output Switching Power Supply
A s - 6 0 series
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
Mechanical�Specification
Case�No.�901�����Unit:mm
Static�Characteristics�(24V)
File�Name:S-60-SPEC���2005-09-13
AMBIENT�TEMPERATURE�(
)
-10
-10
0
0
20
10
30
40
20
40
80
60
100
60
55
50
45
(HORIZONTAL)
(VERTICAL)
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1
2
4
3
5
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
FG
AC/L
AC/N
4.5
3.5
2-M
3
152.5
150
6.5
78
24
159
22
117
3-M
3
5
4
3
2
1
INPUT�VOLTAGE�(V)�60Hz
60
80
100
120
140
160
180
200
220
240
260
Vo
300
350
32
250
28
200
24
150
20
100
16
50
12
8
Ta=25
Output�Derating
60W�Single�Output�Switching�Power�Supply
S - 6 0 series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com