Electronic Components Datasheet Search
  English  ▼

X  

TA78L012AP Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TA78L012AP
Description  Three-Terminal Positive Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78L012AP Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TA78L012AP Datasheet HTML 9Page - Toshiba Semiconductor TA78L012AP Datasheet HTML 10Page - Toshiba Semiconductor TA78L012AP Datasheet HTML 11Page - Toshiba Semiconductor TA78L012AP Datasheet HTML 12Page - Toshiba Semiconductor TA78L012AP Datasheet HTML 13Page - Toshiba Semiconductor TA78L012AP Datasheet HTML 14Page - Toshiba Semiconductor TA78L012AP Datasheet HTML 15Page - Toshiba Semiconductor TA78L012AP Datasheet HTML 16Page - Toshiba Semiconductor TA78L012AP Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TA78L005,006,007,075,008,009,10,12,132,15,18,20,24AP
2006-11-02
13
TA78L018AP
Electrical Characteristics
(Unless otherwise specified, VIN = 27 V, IOUT = 40 mA, CIN = 0.33 μF, COUT = 0.1 μF,
0°C
≤ Tj ≤ 125°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
17.3
18
18.7
V
21.4 V ≤ VIN ≤ 33 V
―
32
325
Line regulation
Reg·line
1
Tj = 25°C
22 V ≤ VIN ≤ 33 V
―
27
275
mV
1.0 mA ≤ IOUT ≤ 100 mA
―
30
170
Load regulation
Reg·load
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
―
15
75
mV
21.4 V ≤ VIN ≤ 33 V,
1.0 mA ≤ IOUT ≤ 40 mA
17.1
―
18.9
Output voltage
VOUT
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 70 mA
17.1
―
18.9
V
Tj = 25°C
―
3.3
6.5
Quiescent current
IB
1
Tj = 125°C
―
―
6.0
mA
22 V ≤ VIN ≤ 33 V
―
―
1.5
Quiescent current change
ΔIB
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
―
―
0.1
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
―
150
―
μVrms
Long term stability
ΔVOUT/Δt
1
―
―
45
―
mV/kh
Ripple rejection
R.R.
3
f = 120 Hz,
23 V ≤ VIN ≤ 33 V, Tj = 25°C
32
38
―
dB
Dropout voltage
VD
1
Tj = 25°C, IOUT = 150 mA
―
1.7
―
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
―
−1.5
―
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com