Electronic Components Datasheet Search
  English  ▼

X  

TA1284FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA1284FN
Description  UHF / VHF TUNER IC (Low Phase Noise Oscillator)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1284FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA1284FN Datasheet HTML 1Page - Toshiba Semiconductor TA1284FN Datasheet HTML 2Page - Toshiba Semiconductor TA1284FN Datasheet HTML 3Page - Toshiba Semiconductor TA1284FN Datasheet HTML 4Page - Toshiba Semiconductor TA1284FN Datasheet HTML 5Page - Toshiba Semiconductor TA1284FN Datasheet HTML 6Page - Toshiba Semiconductor TA1284FN Datasheet HTML 7Page - Toshiba Semiconductor TA1284FN Datasheet HTML 8Page - Toshiba Semiconductor TA1284FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TA1284FN
2003-02-06 2/9
BLOCK DIAGRAM
TERMINAL FUNCTION
PIN
No.
PIN NAME
FUNCTION
INTERFACE
1
16
VHF Oscillator
VHF oscillator.
Oscillator circuit is low phase noise.
2
GND
GND pin
―
3
4
MIX Output
Mixer output.
For tuning, connect a tank circuit
between pins 3 and 4.
5
IF Output
IF output.
Output impedance : 75Ω
6
VCC
(MIX·IF AMPLIFIER Block)
VCC
(Mixer and IF amplifier block)
―



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com