Electronic Components Datasheet Search
  English  ▼

X  

HMC532LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC532LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC532LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC532LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC532LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC532LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC532LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC532LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC532LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10
10 - 181
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Frequency vs. Tuning Voltage, T= 25°C
Sensitivity vs. Tuning Voltage, Vcc= +3V
Typical SSB Phase Noise @ Vtune= +5V
Phase Noise vs. Tuning Voltage
Frequency vs. Tuning Voltage, Vcc= +3V
Output Power vs.
Tuning Voltage, Vcc= +3V
5.5
6
6.5
7
7.5
8
8.5
0
123
456
7
8
9
10
11
12
13
2.85V
3.00V
3.15V
TUNING VOLTAGE (VOLTS)
MMIC VCO w/ BUFFER
AMPLIFIER, 7.1 - 7.9 GHz
v00.0806
HMC532LP4 / 532LP4E
0
50
100
150
200
250
300
350
400
450
500
550
600
01
2
3
4
5
678
9
10
11
12
13
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
6
8
10
12
14
16
18
20
0
123
456
7
8
9
10
11
12
13
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
0
01
2
3
4
5
678
9
10
11
12
13
10kHz offset
100kHz offset
TUNING VOLTAGE (VOLTS)
5.5
6
6.5
7
7.5
8
8.5
0
123
456
7
8
9
10
11
12
13
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com