Electronic Components Datasheet Search
  English  ▼

X  

AS25-5 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AS25-5
Description  25W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AS25-5 Datasheet(HTML) 2 Page - Astrodyne Corporation

  AS25-5 Datasheet HTML 1Page - Astrodyne Corporation AS25-5 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
a s - 2 5 series
25W Single Output Switching Power Supply
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COM
Mechanical�Specification
Derating�Curve
Static�Characteristics�(24V)
File�Name:S-25-SPEC���2005-09-13
Case�No.�905�����Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(V)�60Hz
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
INPUT�VOLTAGE�(V)�60Hz
200
80
8
60
12
16
20
24
140
100
120
180
160
28
32
260
240
220
50
100
150
200
250
300
350
Ta=25
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1
3
2
4,5
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
AC�INPUT
FG
5
4
3
2
1
5.5
74
18
6.5
87
98.5
89
4.5
55
20.5
3.5
3.5
3.5
2-M
3
25W�Single�Output�Switching�Power�Supply
S - 2 5 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com