Electronic Components Datasheet Search
  English  ▼

X  

PS12032 Datasheet(PDF) 8 Page - Powerex Power Semiconductors

Part # PS12032
Description  Intellimod??Module Application Specific IPM (5 Amperes/1200 Volts)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS12032 Datasheet(HTML) 8 Page - Powerex Power Semiconductors

  PS12032 Datasheet HTML 1Page - Powerex Power Semiconductors PS12032 Datasheet HTML 2Page - Powerex Power Semiconductors PS12032 Datasheet HTML 3Page - Powerex Power Semiconductors PS12032 Datasheet HTML 4Page - Powerex Power Semiconductors PS12032 Datasheet HTML 5Page - Powerex Power Semiconductors PS12032 Datasheet HTML 6Page - Powerex Power Semiconductors PS12032 Datasheet HTML 7Page - Powerex Power Semiconductors PS12032 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PS12032
Intellimod™ Module
Application Specific IPM
5 Amperes/1200 Volts
78
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Functional Block Diagram
LEVEL
SHIFT
GATE DRIVE
UV LOCK-OUT
LEVEL
SHIFT
GATE DRIVE
UV LOCK-OUT
LEVEL
SHIFT
OC/SC
DETECT
GATE DRIVE
UV LOCK-OUT
GATE DRIVE
UV LOCK-OUT
AMP
N2
N1
T
S
R
P1
P2
CBW
–
CBW
+
CBV
–
CBV
+
CBU
–
CBU
+
VD
UP
VP
WP
UN
VN
WN
FO
Vamp
GND
W
V
U
FAULT
LOGIC
HVASIC
TH
05
10
15
20
25
4
2
0
10
6
8
CARRIER FREQUENCY, fC, (kHz)
CIRCUIT CURRENT VS.
CARRIER FREQUENCY (TYPICAL)
(CONTROL PART)
VD = VDB = 15V
25
°C
125
°C
IDN
IDP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com