Electronic Components Datasheet Search
  English  ▼

X  

ASC-5D Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASC-5D
Description  30 Watt Ultraminiature Modular Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASC-5D Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASC-5D Datasheet HTML 1Page - Astrodyne Corporation ASC-5D Datasheet HTML 2Page - Astrodyne Corporation ASC-5D Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
30 Watt Ultraminiature Modular Switching Power Supplies
A S C series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
VER : A_0
update : 94.03.21
AC-DC Power Module
ASC SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
ASC-3.3S
ASC-5S
ASC-12S
ASC-15S
ASC-24S
Max Output Wattage (W)
20W
30W
30W
30W
30W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
520 mA max. (115 VAC) / 320 mA max. (230 VAC)
Inrush Current (<2ms)
10 A max. (115 VAC) /20 A max. (230 VAC)
Leakage Current
0.75 mA max.
Input
External Fuse (recommend)
1.5 A slow blow type
Voltage (V.DC.)
3.3V
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
6000
6000
2500
2000
1250
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-00%) (typ.)
±1%
Minimum Load
5%
4%
2%
2%
2%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
70%
75%
80%
80%
77%
Hold-up Time
15 ms min.
Output
Switching Frequency
100 kHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000 V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>200,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
3.5 x 2.5 x 0.98 Inches ( 89.0 x 63.5 x 25.0 mm ) Tolerance
�0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
220 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL, CE, TUV, CB
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
� Switching Power Module for PCB Mountable
� Fully Encapsulated Plastic Case
� Universal Input Range 90-264VAC, 47-440 Hz
� Regulated Output
� Low Ripple and Noise
� High Efficiency
� CE, CB, cUL, TUV Approvals
� 2-Year Product Warranty


Similar Part No. - ASC-5D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ASC-5D ARCH-ASC-5D Datasheet
547Kb / 6P
AC-DC Power Module
More results

Similar Description - ASC-5D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
ANC ASTRODYNE-ANC Datasheet
252Kb / 3P
15 Watt Ultraminiature Modular Switching Power Supplies
APC ASTRODYNE-APC Datasheet
247Kb / 3P
5 Watt Ultraminiature Modular Switching Power Supplies
ATC ASTRODYNE-ATC Datasheet
244Kb / 3P
10 Watt Ultraminiature Modular Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
10W Ultraminiature Modular Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
15W Ultraminiature Modular Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
30W Ultraminiature Modular Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
5W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com