Electronic Components Datasheet Search
  English  ▼

X  

TA2125AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA2125AF
Description  Power Driver IC for CD Player
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2125AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA2125AF Datasheet HTML 1Page - Toshiba Semiconductor TA2125AF Datasheet HTML 2Page - Toshiba Semiconductor TA2125AF Datasheet HTML 3Page - Toshiba Semiconductor TA2125AF Datasheet HTML 4Page - Toshiba Semiconductor TA2125AF Datasheet HTML 5Page - Toshiba Semiconductor TA2125AF Datasheet HTML 6Page - Toshiba Semiconductor TA2125AF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TA2125AF
2003-10-07
2
Terminal Explanation
No.
Symbol
Function
1
OUT5A
Output terminal
H-bridge
2
VM
Supply voltage terminal for Logic
H-bridge
3
OUT5B
Output terminal
H-bridge
4
VCIN
Input reference voltage
4ch BTL
5
IN1
Input for ch1
4ch BTL
6
N.C.
Open
7
N.C.
Open
8
N.C.
8, 9, 10, 27, 28, 29 are connected to PW GND (FIN)
9
N.C.
8, 9, 10, 27, 28, 29 are connected to PW GND (FIN)
10
N.C.
8, 9, 10, 27, 28, 29 are connected to PW GND (FIN)
11
IN2
Input for ch2
4ch BTL
12
N.C.
Open
13
N.C.
Open
14
VCC1
Supply voltage terminal for ch1/ch2
4ch BTL
15
OUT2M
Inverted output for ch2
4ch BTL
16
OUT2P
Non-inverted output for ch2
4ch BTL
17
OUT1M
Inverted output for ch1
4ch BTL
18
OUT1P
Non-inverted output for ch1
4ch BTL
19
OUT3P
Non-inverted output for ch3
4ch BTL
20
OUT3M
Inverted output for ch3
4ch BTL
21
OUT4P
Non-inverted output for ch4
4ch BTL
22
OUT4M
Inverted output for ch4
4ch BTL
23
VCC2
Supply voltage terminal for ch3/ch4
4ch BTL
24
N.C.
Open
25
REG
Connection with BASE of PNP Tr
Regulator
26
REG OUT
Output for regulator (5 V)
Regulator
27
N.C.
8, 9, 10, 27, 28, 29 are connected to PW GND (FIN)
28
N.C.
8, 9, 10, 27, 28, 29 are connected to PW GND (FIN)
29
N.C.
8, 9, 10, 27, 28, 29 are connected to PW GND (FIN)
30
REG STBY Standby control for regulator
Regulator
31
IN4
Input for ch4
4ch BTL
32
IN3
Input for ch3
4ch BTL
33
STBY
Standby control for 4ch BTL
4ch BTL
34
FIN
Logic control input
H-bridge
35
RIN
Logic control input
H-bridge
36
VR
Supply voltage terminal for motor driver
H-bridge



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com