Electronic Components Datasheet Search
  English  ▼

X  

ASD10 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASD10
Description  Isolated and Regulated 10 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD10 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASD10 Datasheet HTML 1Page - Astrodyne Corporation ASD10 Datasheet HTML 2Page - Astrodyne Corporation ASD10 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Isolated and Regulated 10 WATT Modular DC/DC Converters
A S D 1 0 series
Wide 4 : 1 Input Range
High Efficiency
Regulated Outputs
1500V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
ASD10-12S3
3.3 VDC
2.5
9-36VDC
ASD10-48S3
2.5
18-75VDC
ASD10-12S5
5 VDC
2
9-36VDC
ASD10-48S5
2
18-75VDC
ASD10-12S9
9 VDC
1.1
9-36VDC
ASD10-48S9
1.1
18-75VDC
ASD10-12S12
12 VDC
0.83
9-36VDC
ASD10-48S12
0.83
18-75VDC
ASD10-12S15
15 VDC
0.67
9-36VDC
ASD10-48S15
0.67
18-75VDC
DUAL OUTPUT
ASD10-12D5
+/-5 VDC
+/-1
9-36VDC
ASD10-48D5
+/-1
18-75VDC
ASD10-12D12
+/-12 VDC
+/-0.42
9-36VDC
ASD10-48D12
+/-0.42
18-75VDC
ASD10-12D15
+/-15 VDC
+/-0.33
9-36VDC
ASD10-48D15
+/-0.33
18-75VDC
Unit measures 1”W x 2”L x 0.25”H
Order On-Line!
astrodyne.com


Similar Part No. - ASD10

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ASD10-12 PAIRUI-ASD10-12 Datasheet
292Kb / 4P
AC-DC Converter
ASD10-12 PAIRUI-ASD10-12 Datasheet
165Kb / 4P
AC-DC Converter
logo
Astrodyne Corporation
ASD10-12D12 ASTRODYNE-ASD10-12D12 Datasheet
355Kb / 3P
Isolated and Regulated 10 WATT Modular DC/DC Converters
ASD10-12D15 ASTRODYNE-ASD10-12D15 Datasheet
355Kb / 3P
Isolated and Regulated 10 WATT Modular DC/DC Converters
ASD10-12D5 ASTRODYNE-ASD10-12D5 Datasheet
355Kb / 3P
Isolated and Regulated 10 WATT Modular DC/DC Converters
More results

Similar Description - ASD10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FDC10 ASTRODYNE-FDC10 Datasheet
369Kb / 3P
Isolated and Regulated 10 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10_16 Datasheet
355Kb / 3P
Isolated and Regulated 10 WATT Modular DC/DC Converters
FDC10 ASTRODYNE-FDC10_16 Datasheet
206Kb / 3P
Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10_16 Datasheet
262Kb / 3P
Isolated and Regulated 10 Watt Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com