Electronic Components Datasheet Search
  English  ▼

X  

ASD20 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASD20
Description  Isolated and Regulated 20 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD20 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASD20 Datasheet HTML 1Page - Astrodyne Corporation ASD20 Datasheet HTML 2Page - Astrodyne Corporation ASD20 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Isolated and Regulated 20 WATT Modular DC/DC Converters
A S D 2 0 series
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-36 VDC
24 VDC Nominal
18-72 VDC
Input Filter
PI Type
Remote On/Off Control
Logic Compatibility
CMOS or Open Collector TTL
EC-On
>+5.5VDC or Open Circuit
EC-Off
<1.8VDC
Control Common
Ref. to - Input
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (25% to FL)
+/-0.5%
Line Regulation
(HL-LL)
+/-0.5%
Temperature Coefficient
+/-0.02%/°C
Ripple/Noise
RMS
20mV max.
P-P
75mVp-p max.
Voltage Accuracy
Single O/P
+/-1%
Dual +O/P
+/-1%
Dual -O/P
+/-2%
Voltage Balance (Dual FL)
+/-1%
Short Circuit Protection
Continuous
Efficiency
See Selection Chart
Transient Response
Single 25% Load Change
<500uS
Dual Full Load to 1/2 Load
<500uS
Trim
+/-10%
GENERAL SPECIFICATIONS
Input-Output Isolation
1500VDC
Isolation Resistance
10-8nth Ohm min.
Switching Frequency
300Khz
Safety
UL60950
RFI
Six Sided Shielding
MTBF
MIL-HDBK-217F
Ground Benign, 25°C
880,584 Hrs.
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71°C w. Derate
Derate Above 60°C
Linearly to Zero Power +100°C
Case Temperature
100°C max.
Storage Temperature
-55 to +105°C *
PHYSICAL SPECIFICATIONS
Case Material
Black coated Copper
w. Non-conductive base
Construction
Fully Encapsulated
Weight
2 oz, (57g)
Dimensions
1.6” x 2” x 0.45”
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com