Electronic Components Datasheet Search
  English  ▼

X  

ASD105 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASD105
Description  Isolated and Regulated 1.5 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD105 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASD105 Datasheet HTML 1Page - Astrodyne Corporation ASD105 Datasheet HTML 2Page - Astrodyne Corporation ASD105 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
a s d 1 0 5 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
Low Ripple and Noise
Regulated Outputs
500V Isolation
Short Circuit Protection
Standard Pinouts
Input PI Filter
Model Number
Output Voltage
Output mamps Input Range
sINGLE OUTPUT
ASD105-5S5
5 VDC
300
4.5-5.5 VDC
ASD105-12S5
300
10.8-13.2 VDC
ASD105-24S5
300
21.6-26.4 VDC
ASD105-28S5
300
25.2-30-8 VDC
ASD105-48S5
300
43.2-52.8 VDC
ASD105-5S12
12 VDC
125
4.5-5.5 VDC
ASD105-12S12
125
10.8-13.2 VDC
ASD105-24S12
125
21.6-26.4 VDC
ASD105-28S12
125
25.2-30-8 VDC
ASD105-48S12
125
43.2-52.8 VDC
ASD105-5S15
15 VDC
100
4.5-5.5 VDC
ASD105-12S15
100
10.8-13.2 VDC
ASD105-24S15
100
21.6-26.4 VDC
ASD105-28S15
100
25.2-30-8 VDC
ASD105-48S15
100
43.2-52.8 VDC
dUaL OUTPUT
ASD105-5D12
+/-12 VDC
+/-60
4.5-5.5 VDC
ASD105-12D12
+/-60
10.8-13.2 VDC
ASD105-24D12
+/-60
21.6-26.4 VDC
ASD105-28D12
+/-60
25.2-30-8 VDC
ASD105-48D12
+/-60
43.2-52.8 VDC
ASD105-5D15
+/-15 VDC
+/-50
4.5-5.5 VDC
ASD105-12D15
+/-50
10.8-13.2 VDC
ASD105-24D15
+/-50
21.6-26.4 VDC
ASD105-28D15
+/-50
25.2-30-8 VDC
ASD105-48D15
+/-50
43.2-52.8 VDC
Unit measures 0.8”W x 1.25”L x 0.4”H
Order On-Line!
astrodyne.com


Similar Part No. - ASD105

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD105-12D12 ASTRODYNE-ASD105-12D12 Datasheet
177Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105-12D15 ASTRODYNE-ASD105-12D15 Datasheet
177Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105-12S12 ASTRODYNE-ASD105-12S12 Datasheet
177Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105-12S15 ASTRODYNE-ASD105-12S15 Datasheet
177Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105-12S5 ASTRODYNE-ASD105-12S5 Datasheet
177Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results

Similar Description - ASD105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
SB1R5 ASTRODYNE-SB1R5 Datasheet
236Kb / 4P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD105 ASTRODYNE-ASD105_16 Datasheet
177Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5_16 Datasheet
173Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
SB1R5 ASTRODYNE-SB1R5_16 Datasheet
176Kb / 4P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com