Electronic Components Datasheet Search
  English  ▼

X  

ASL150 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASL150
Description  150W 2??x 4??Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL150 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASL150 Datasheet HTML 1Page - Astrodyne Corporation ASL150 Datasheet HTML 2Page - Astrodyne Corporation ASL150 Datasheet HTML 3Page - Astrodyne Corporation ASL150 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
150W 2” x 4” Open Frame Switching Power Supplies
A S L 1 5 0 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
Single Outputs with 12V Auxillary
Universal 90 to 264VAC Input
5VDC to 48VDC Outputs
3,000VAC Input to Output Isolation
Short Circuit Protection
Full Safety Approvals
Model Number
V1
I1 Air Flow Convection / 200LFM
I2 (12V aux.) Convection / 200LFM
ASL150-5
5VDC
16 / 20A
0.5 / 0.5A
ASL150-12
12VDC
8.3 / 13.3A
0.5 / 0.5A
ASL150-24
24VDC
4.16 / 6.66A
0.5 / 0.5A
ASL150-48
48VDC
2.08 / 3.33A
0.5 / 0.5A
Note: All Products are 0-100% Load Operation
(Pending)


Similar Part No. - ASL150

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL150-12 ASTRODYNE-ASL150-12 Datasheet
490Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASL150-24 ASTRODYNE-ASL150-24 Datasheet
490Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASL150-48 ASTRODYNE-ASL150-48 Datasheet
490Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASL150-5 ASTRODYNE-ASL150-5 Datasheet
490Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
logo
NXP Semiconductors
ASL1500SHN NXP-ASL1500SHN Datasheet
1Mb / 36P
Single phase boost converter
Rev. 4-26 October 2017
More results

Similar Description - ASL150

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150 Datasheet
502Kb / 4P
150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
logo
MPS Industries, Inc.
MBU150 MPSIND-MBU150 Datasheet
381Kb / 2P
150W Open Frame Switching Power Supplies For Medical Equipment.
logo
SL Power Electronics
FLU1-50 SLPOWER-FLU1-50 Datasheet
92Kb / 3P
OPEN-FRAME SWITCHING POWER SUPPLIES
FLU40 SLPOWER-FLU40 Datasheet
469Kb / 4P
OPEN-FRAME SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
150W Open Frame Type Medical Power Supplies
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
150W Open Frame Type Medical Power Supplies
logo
Astrodyne Corporation
ASL150 ASTRODYNE-ASL150_16 Datasheet
490Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASM150 ASTRODYNE-ASM150_16 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
logo
Total Power Internation...
TPSBU-150 TOTAL-POWER-TPSBU-150 Datasheet
304Kb / 2P
150W Open Frame Type I.T.E. Power Supplies
TPSBU-151 TOTAL-POWER-TPSBU-151 Datasheet
285Kb / 2P
150W Open Frame Type I.T.E. Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com