Electronic Components Datasheet Search
  English  ▼

X  

TA6009FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA6009FN
Description  Shock Sensor IC (1 ch version)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA6009FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA6009FN Datasheet HTML 1Page - Toshiba Semiconductor TA6009FN Datasheet HTML 2Page - Toshiba Semiconductor TA6009FN Datasheet HTML 3Page - Toshiba Semiconductor TA6009FN Datasheet HTML 4Page - Toshiba Semiconductor TA6009FN Datasheet HTML 5Page - Toshiba Semiconductor TA6009FN Datasheet HTML 6Page - Toshiba Semiconductor TA6009FN Datasheet HTML 7Page - Toshiba Semiconductor TA6009FN Datasheet HTML 8Page - Toshiba Semiconductor TA6009FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TA6009FN/FNG
2003-12-03
3
Electrical Characteristics (unless otherwise specified, VCC = 3.3 V, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
⎯
⎯
2.7
3.3
5.5
V
VCC = 3.3 V
1.8
2.4
Supply current
ICC
(1)
VCC = 5.0 V
1.8
2.4
mA
(GUARD)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VoGur
(2)
⎯
0.52
0.57
0.62
V
(DIFF-AMP)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input impedance
(Note 1)
Zin
⎯
⎯
50
100
M
Ω
Gain
GvBuf
(3)
⎯
19.6
20
20.4
dB
Output DC voltage
VoBuf
(4)
Connect C
= 100 pF between
1 pin and 2 pin
0.7
1
1.3
V
Low pass filter cut-off freq.
fc
(5)
Frequency at
−3dB point
5
7
10
kHz
Output source current
IBso
(6)
Voh
= VCC − 1 V
400
800
µA
Output sink current
IBsi
(7)
Vol
= 0.3 V
75
130
µA
Note 1: Marked parameters are reference data.
(OP-AMP)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Cut-off frequency
(Note 1)
fT
⎯
⎯
1.5
2
MHz
Openloop gain
(Note 1)
Gvo
⎯
⎯
80
90
dB
Input voltage 1
Vin1
(8)
10 pin
→ OPEN
(Note 2)
1.33
1.4
1.47
V
Input voltage 2
Vin2
(9)
10 pin
→ GND
(Note 2)
1.14
1.2
1.26
V
Input current
Iin
(10)
⎯
25
50
nA
Offset voltage
(Note 1)
Voff
⎯
⎯
−5
0
5
mV
Output source current
IAso
(11)
Voh
= VCC − 1 V
300
800
µA
Output sink current
IAsi
(12)
Vol
= 0.3 V
130
200
µA
Note 1: Marked parameters are reference data.
Note 2: 10 pin must be non-connected otherwise connected to GND.
(window-comparator)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Trip voltage 1
(Note 1)
Vtrp1
⎯
10 pin
→ OPEN
(Note 2)
Vin1
±0.285
Vin1
±0.3
Vin1
±0.315
V
Trip voltage 2
(Note 1)
Vtrp2
⎯
10 pin
→ GND
(Note 2)
Vin2
±0.475
Vin2
±0.5
Vin2
±0.525
V
Output source current
IWso
(13)
Voh
= VCC − 0.5 V
30
50
µA
Output sink current
IWsi
(14)
Vol
= 0.3 V
300
800
µA
Note 1: Marked parameters are reference data.
Note 2: 10 pin must be non-connected otherwise connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com