Electronic Components Datasheet Search
  English  ▼

X  

TA6038FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA6038FN
Description  Shock Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA6038FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA6038FN Datasheet HTML 1Page - Toshiba Semiconductor TA6038FN Datasheet HTML 2Page - Toshiba Semiconductor TA6038FN Datasheet HTML 3Page - Toshiba Semiconductor TA6038FN Datasheet HTML 4Page - Toshiba Semiconductor TA6038FN Datasheet HTML 5Page - Toshiba Semiconductor TA6038FN Datasheet HTML 6Page - Toshiba Semiconductor TA6038FN Datasheet HTML 7Page - Toshiba Semiconductor TA6038FN Datasheet HTML 8Page - Toshiba Semiconductor TA6038FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TA6038FN/FNG
2003-11-25
2
Pin Function
Pin No.
Pin Name
Function
1
SOA
Amp (A) output terminal
2
SIA
Connection terminal of shock sensor
3
SIB
Connection terminal of shock sensor
4
SOB
Amp (B) output terminal
5
GND
Ground terminal
6
VCC
Power supply voltage
7
AO
Op-Amp output terminal
8
AI
Op-Amp input terminal
9
DO
Differential-Amp output terminal
10
OUT
Output terminal (output
= “L” when shock is detected.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
7
V
Power dissipation
PD
300
mW
Storage temperature
Tstg
−55 to 150
°C
Recommend Operating Condition
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
2.7 to 5.5
V
Operating temperature
Topr
−25 to 85
°C
Note: The IC may be destroyed due to short circuit between adjacent pins, incorrect orientation of device’s mounting,
connecting positive and negative power supply pins wrong way round, air contamination fault, or fault by
improper grounding.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com