Electronic Components Datasheet Search
  English  ▼

X  

ASM15 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASM15
Description  15W Ultraminiature Medical Grade Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM15 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASM15 Datasheet HTML 1Page - Astrodyne Corporation ASM15 Datasheet HTML 2Page - Astrodyne Corporation ASM15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
15W Ultraminiature Medical Grade Switching Power Supplies
a s m 1 5 series
300 myles standish Blvd., Taunton, ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COm
mECHaNICaL DImENsIONs
J1 (aC Input)
Pin 1
AC Neutral
Pin 2
N/C
Pin 3
N/C
Pin 4
AC Line
J2 (DC Output)
Pin 1
Com. Return
Pin 2
Com. Return
Pin 3
+Vout
Pin 4
+Vout
15 Watt
3.0
2.10
0.85
0.12” Dia Mtg Hole ( 4 plcs)
0.15
0.15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com