Electronic Components Datasheet Search
  English  ▼

X  

ASM150 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASM150
Description  150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM150 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASM150 Datasheet HTML 1Page - Astrodyne Corporation ASM150 Datasheet HTML 2Page - Astrodyne Corporation ASM150 Datasheet HTML 3Page - Astrodyne Corporation ASM150 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
150W 2” x 4” Medical Grade Open Frame Switching Power Supplies
A S M 1 5 0 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
Single Outputs with 12V Auxillary
Universal 90 to 264VAC Input
5VDC to 48VDC Outputs
4,000VAC Input to Output Isolation
Short Circuit Protection
Full Safety Approvals
Model Number
V1
I1 Air Flow Convection / 200LFM
I2 (12V aux.) Convection / 200LFM
ASM150-5
5VDC
16 / 20A
0.5 / 0.5A
ASM150-12
12VDC
8.3 / 13.3A
0.5 / 0.5A
ASM150-24
24VDC
4.16 / 6.66A
0.5 / 0.5A
ASM150-48
48VDC
2.08 / 3.33A
0.5 / 0.5A
Note: All Products are 0-100% Load Operation
(Pending)


Similar Part No. - ASM150

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM150-12 ASTRODYNE-ASM150-12 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
ASM150-24 ASTRODYNE-ASM150-24 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
ASM150-48 ASTRODYNE-ASM150-48 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
ASM150-5 ASTRODYNE-ASM150-5 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
logo
Infinite Electronics In...
ASM1504 L-COM-ASM1504 Datasheet
56Kb / 1P
CON,SMA MALE CRIMP LMR240
8/8/12
More results

Similar Description - ASM150

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL150 ASTRODYNE-ASL150 Datasheet
485Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM60 ASTRODYNE-ASM60 Datasheet
751Kb / 4P
60W Ultraminiature Medical Open Frame Switching Power Supplies
logo
MPS Industries, Inc.
MBU150 MPSIND-MBU150 Datasheet
381Kb / 2P
150W Open Frame Switching Power Supplies For Medical Equipment.
logo
BOSER Technology Co., L...
MPM-815H BOSER-MPM-815H Datasheet
227Kb / 1P
150W Open Frame Power Supply for Medical
logo
Total Power Internation...
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
150W Open Frame Type Medical Power Supplies
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
150W Open Frame Type Medical Power Supplies
logo
Tumbler Technologies + ...
THM30 TRUMPOWER-THM30 Datasheet
80Kb / 2P
Medical Grade 30W Open Frame Power Supplies
logo
Astrodyne Corporation
ASL150 ASTRODYNE-ASL150_16 Datasheet
490Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASM150 ASTRODYNE-ASM150_16 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com