Electronic Components Datasheet Search
  English  ▼

X  

5144783 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5144783
Description  CMS-P1-M/WEID MCSF 4-6 - Magazine insert
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5144783 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5144783 Datasheet HTML 1Page - PHOENIX CONTACT 5144783 Datasheet HTML 2Page - PHOENIX CONTACT 5144783 Datasheet HTML 3Page - PHOENIX CONTACT 5144783 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Plastic magazine for CMS-P1 plotter. Accepts 1 Weidmüller Multicard mat SF 4-6
Commercial data
Item number
5144783
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG03
Product key
BG123Z
Catalog page
Page 493 (CL-2005)
GTIN
4017918951214
Weight per piece (including packing)
354.8 g
Weight per piece (excluding packing)
354.8 g
Customs tariff number
90179000
Country of origin
DE
CMS-P1-M/WEID MCSF 4-6 - Magazine insert
5144783
https://www.phoenixcontact.com/us/products/5144783
Apr 24, 2025, 6:31AM
Page 1 (4)


Similar Part No. - 5144783

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5144709 PHOENIX-5144709 Datasheet
178Kb / 4P
CMS-P1-M/ZBF - Magazine insert
5144712 PHOENIX-5144712 Datasheet
174Kb / 4P
CMS-P1-M/SS-ZB - Magazine insert
5144725 PHOENIX-5144725 Datasheet
179Kb / 4P
CMS-P1-M/BN-ZB - Magazine insert
5144738 PHOENIX-5144738 Datasheet
176Kb / 4P
CMS-P1-M/LBHZ - Magazine insert
5144741 PHOENIX-5144741 Datasheet
173Kb / 4P
CMS-P1-M/PAB - Magazine insert
More results

Similar Description - 5144783

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5146121 PHOENIX-5146121 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 6
5144767 PHOENIX-5144767 Datasheet
47Kb / 2P
Magazine insert - CMS-P1-M/WAGO WMB
09/12/2020
5144770 PHOENIX-5144770 Datasheet
47Kb / 2P
Magazine insert - CMS-P1-M/WAGO WSB 5
09/12/2020
5144851 PHOENIX-5144851 Datasheet
47Kb / 2P
Accessories - CMS-P1-M/WEID-PAD
09/12/2020
5144864 PHOENIX-5144864 Datasheet
47Kb / 2P
Magazine insert - CMS-P1-M/WAGO MINI WSB
09/12/2020
5144877 PHOENIX-5144877 Datasheet
46Kb / 2P
Magazine insert - CMS-P1-M/WAGO WSB 4
09/12/2020
5144932 PHOENIX-5144932 Datasheet
47Kb / 2P
Magazine insert - CMS-P1-M/ENTRELEC RC
09/12/2020
5144945 PHOENIX-5144945 Datasheet
46Kb / 2P
Magazine insert - CMS-P1-M/MURR 400
09/12/2020
5144958 PHOENIX-5144958 Datasheet
48Kb / 2P
Magazine insert - CMS-P1-M/MURR 401
09/12/2020
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com