Electronic Components Datasheet Search
  English  ▼

X  

FDC10 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # FDC10
Description  Isolated and Regulated 10 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC10 Datasheet(HTML) 2 Page - Astrodyne Corporation

  FDC10 Datasheet HTML 1Page - Astrodyne Corporation FDC10 Datasheet HTML 2Page - Astrodyne Corporation FDC10 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 10 WATT Modular DC/DC Converters
F D C 1 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Input Filter
Pi Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
singles: +/-1%
10% - FL
duals: +/-2%
Line Regulation
+/-1%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise(Single/Dual)
(50 / 75) mV Pk-Pk, typ
Voltage Stability
+/- 2%
Voltage Balance, Dual
+/-1%
Transient Response Recovery
25% Load Step Change
500 microSeconds
Short Circuit Protection
Continuous, self-recovering
Overvoltage Protection Threshold: 3.3V Output
3.9Volts
5V Output
6.2Volts
12V Output
15Volts
15V Output
18Volts
GENERAL SPECIFICATIONS
Input-Out Isolation
1600VDC
In/Out Capacitance
1000 pF
Isolation Resistance
10000 M Ohms
Efficiency
80%, typ
Switching Frequency
300Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71 DegC(FL)
Storage Temperature
-55 to +125 DegC *
Maximum Case Temp
110 DegC *
MTBF
1.97 MHrs
MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material
Nickel-Coated Copper
Non-Conductive Base
Construction
Fully Encapsulated
Weight
1.1 oz, (30g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com