Electronic Components Datasheet Search
  English  ▼

X  

FDC20 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # FDC20
Description  Isolated and Regulated 20 WATT Modular DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC20 Datasheet(HTML) 2 Page - Astrodyne Corporation

  FDC20 Datasheet HTML 1Page - Astrodyne Corporation FDC20 Datasheet HTML 2Page - Astrodyne Corporation FDC20 Datasheet HTML 3Page - Astrodyne Corporation FDC20 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolated and Regulated 20 WATT Modular DC/DC Converters
f d c 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
fax: 508-823-8181
WWW.ASTROdYNE.cOM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
TRIPLE OUTPUT
FDC20-12T3312
3.3, +/-12 VDC
3, +/-0.3
9-18 VDC
FDC20-24T3312
3, +/-0.3
18-36 VDC
FDC20-48T3312
3, +/-0.3
36-72 VDC
FDC20-12T3315
3.3, +/-15 VDC
3, +/-0.25
9-18 VDC
FDC20-24T3315
3, +/-0.25
18-36 VDC
FDC20-48T3315
3, +/-0.25
36-72 VDC
FDC20-12T0512
5, +/-12 VDC
2, +/-0.3
9-18 VDC
FDC20-24T0512
2, +/-0.3
18-36 VDC
FDC20-48T0512
2, +/-0.3
36-72 VDC
FDC20-12T0515
5, +/-15 VDC
2, +/-0.25
9-18 VDC
FDC20-24T0515
2, +/-0.25
18-36 VDC
FDC20-48T0515
2, +/-0.25
36-72 VDC
Unit measures 1”W x 2”L x 0.375”H
Order On-Line!
astrodyne.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com