Electronic Components Datasheet Search
  English  ▼

X  

FEC15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # FEC15
Description  Isolated and Regulated 15 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FEC15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  FEC15 Datasheet HTML 1Page - Astrodyne Corporation FEC15 Datasheet HTML 2Page - Astrodyne Corporation FEC15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 15 WATT Modular DC/DC Converters
F E C 1 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
FEC15-12S33
3.3 VDC
4
9-18 VDC
FEC15-24S33
4
18-36 VDC
FEC15-48S33
4
36-72 VDC
FEC15-12S05
5 VDC
3
9-18 VDC
FEC15-24S05
3
18-36 VDC
FEC15-48S05
3
36-72 VDC
FEC15-12S12
12 VDC
1.25
9-18 VDC
FEC15-24S12
1.25
18-36 VDC
FEC15-48S12
1.25
36-72 VDC
FEC15-12S15
15 VDC
1
9-18 VDC
FEC15-24S15
1
18-36 VDC
FEC15-48S15
1
36-72 VDC
DUAL OUTPUT
FEC15-12D05
+/-5 VDC
+/-1.5
9-18 VDC
FEC15-24D05
+/-1.5
18-36 VDC
FEC15-48D05
+/-1.5
36-72 VDC
FEC15-12D12
+/-12 VDC
+/-0.635
9-18 VDC
FEC15-24D12
+/-0.635
18-36 VDC
FEC15-48D12
+/-0.635
36-72 VDC
FEC15-12D15
+/-15 VDC
+/-0.5
9-18 VDC
FEC15-24D15
+/-0.5
18-36 VDC
FEC15-48D15
+/-0.5
36-72 VDC
Unit measures 1”W x 2”L x 0.375”H
Order On-Line!
astrodyne.com


Similar Part No. - FEC15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
15WATT DC-DC CONVERTER
FEC15-12D05 ETC-FEC15-12D05 Datasheet
135Kb / 2P
15WATT DC-DC CONVERTER
logo
Power Mate Technology C...
FEC15-12D05 P-DUKE-FEC15-12D05 Datasheet
281Kb / 3P
15 WATTS OUTPUT POWER
logo
Volgen Kaga Electronics...
FEC15-12D05 VOLGEN-FEC15-12D05 Datasheet
252Kb / 2P
SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
logo
Power Mate Technology C...
FEC15-12D05 P-DUKE-FEC15-12D05 Datasheet
292Kb / 3P
15 WATTS DC-DC CONVERTER
More results

Similar Description - FEC15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ST15 ASTRODYNE-ST15 Datasheet
190Kb / 3P
Isolated and Regulated 15 Watt Modular DC/DC Converters
ASD15 ASTRODYNE-ASD15 Datasheet
263Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
FEC15 ASTRODYNE-FEC15_16 Datasheet
207Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
ST15 ASTRODYNE-ST15_16 Datasheet
235Kb / 3P
Isolated and Regulated 15 Watt Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com