Electronic Components Datasheet Search
  English  ▼

X  

FEC40 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # FEC40
Description  Isolated and Regulated 40 WATT Modular DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FEC40 Datasheet(HTML) 3 Page - Astrodyne Corporation

  FEC40 Datasheet HTML 1Page - Astrodyne Corporation FEC40 Datasheet HTML 2Page - Astrodyne Corporation FEC40 Datasheet HTML 3Page - Astrodyne Corporation FEC40 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Isolated and Regulated 40 WATT Modular DC/DC Converters
f e c 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
fax: 508-823-8181
WWW.ASTRODYNe.cOM
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
Notes:
1.
Maximum output deviation is 10% inclusive of remote sense and him. If remote sense is not being used, the +Vsense should be connected to its cor-
responding +OUTPUT and likewise the sense should be connected to its corresponding -OUTPUT.
2.
Triple outputs requires a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these
devices, however they may not meet all listed specifications
3.
Load regulation for triple output:
Main output (V1): 10 to 100% with 10% to 100% balanced on auxiliaries.
Auxiliary outputs (V2 and V3): 10% to 100% balanced on all outputs.
4.
Cross regulation for triple output:
Main output 100% load, auxiliary 100%, other auxiliary 25% to 100%.
Auxiliary outputs (V2 and V3): main output 100% load, auxiliary 100%, other auxiliary 25% to 100% or main output
25%, auxiliary 25%, other auxiliary 25% to 100%.
5.
The models of FEC40-XXD3305 are specified with a 1uF ceramic output capacitors.
6.
An external filter capacitor is required for normal operation. The capacitor should be capable of handing 1A ripple current for 48V/24V models. Astrodyne
suggests: Nippon chemi-con KMF series, 220µF/100V, ESR 9OmÙ.
7.
Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
8.
The ON/OFF control pin voltage is referenced to negative Input.
9.
Switching frequency for dual output: Master (5Vo) 300KHz; Slave (3.3Vo) 500KHz
10.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 4OºC. (Ground fixed and controlled environment).
11.
Heat sink is optional and P/N: 7G-OO26A.
12.
Any condition of dual output (3.3V/5V) rated lout current, not to exceed 8A of total output currents.
13.
Maximum value at nominal input voltage and full load.
14.
Typical value at nominal input voltage and full load.
15.
Test by minimum Vin and constant resistor load.
MecHANIcAL DIMeNSIONS
1. All dimensions in Inches (mm)
Tolerance: X.XX 0.02 (X.X 0.5)
X.XXX 0.01 (X.XX 0.25)
2. Pin pitch tolerance 0.014(0.35)
0.40
(10.2)
0.22 (5.6)
DIA. 0.04
1
2.00 (50.8)
0.40
(10.2)
0.20 (5.1)
0.80 (20.3)
0.60 (15.2)
0.30 (7.6)
0.10 (2.5)
0.50 (12.7)
0.20 (5.1)
4
3
2
8
7 6
5
9
1.10 (27.9)
BOTTOM
VIEW
8(8)
9(9)
TRIM UP
9(9)
7(5)
TRIM DOWN
RU
RD
exTeRNAL OUTPUT TRIMMING
Pin# Single
Dual
Triple
1
+INPUT
+INPUT
+INPUT
2
-INPUT
-INPUT
-INPUT
3
CTRL
CTRL
CTRL
4
NC
3.3V
+AUX
5
-SENSE (note 1)
3.3V RTN (COM)
COMMON
6
+SENSE (note 1)
NC
-AUX
7
+OUTPUT
NC
+OUTPUT
8
-OUTPUT
5V
-OUTPUT (COM)
9
TRIM
5V RTN (COM)
NC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com