Electronic Components Datasheet Search
  English  ▼

X  

0803479 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803479
Description  ZB 8,3,QR:FORTL.ZAHLEN - Zack marker strip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803479 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803479 Datasheet HTML 1Page - PHOENIX CONTACT 0803479 Datasheet HTML 2Page - PHOENIX CONTACT 0803479 Datasheet HTML 3Page - PHOENIX CONTACT 0803479 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Zack marker strip, Strip, white, labeled, can be labeled with: CMS-P1-PLOTTER, mounting type:
latching, for terminal block width: 8.3 mm, text field height: 10.5 mm, text field width: 8.3 mm
Your advantages
The ZB zack marker strip system is a marking solution for modular terminal blocks and electronics modules with tall marker grooves
•
Commercial data
Item number
0803479
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
NULL
Product key
BG2122
Catalog page
Page 46 (C-1-2019)
GTIN
4055626112961
Weight per piece (including packing)
2.1 g
Weight per piece (excluding packing)
2.1 g
Customs tariff number
39269097
Country of origin
DE
ZB 8,3,QR:FORTL.ZAHLEN - Zack marker strip
0803479
https://www.phoenixcontact.com/us/products/0803479
Apr 29, 2025, 2:07AM
Page 1 (4)


Similar Part No. - 0803479

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803479-0001 PHOENIX-0803479-0001 Datasheet
38Kb / 1P
ZB 8,3,QR:FORTL.ZAHLEN 1-10
0803479-0011 PHOENIX-0803479-0011 Datasheet
38Kb / 1P
ZB 8,3,QR:FORTL.ZAHLEN 11-20
0803479-0021 PHOENIX-0803479-0021 Datasheet
35Kb / 1P
ZB 8,3,QR:FORTL.ZAHLEN 21-30
More results

Similar Description - 0803479

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803479-0001 PHOENIX-0803479-0001 Datasheet
38Kb / 1P
ZB 8,3,QR:FORTL.ZAHLEN 1-10
0803479-0011 PHOENIX-0803479-0011 Datasheet
38Kb / 1P
ZB 8,3,QR:FORTL.ZAHLEN 11-20
0803479-0021 PHOENIX-0803479-0021 Datasheet
35Kb / 1P
ZB 8,3,QR:FORTL.ZAHLEN 21-30
0803444 PHOENIX-0803444 Datasheet
48Kb / 2P
Zack marker strip - ZB 8,3:UNBEDRUCKT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0824978 PHOENIX-0824978 Datasheet
57Kb / 3P
Zack marker strip - ZB 6,6 CUS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0827461 PHOENIX-0827461 Datasheet
61Kb / 3P
Zack marker strip - ZB 16:UNPRINTED
0829128 PHOENIX-0829128 Datasheet
58Kb / 3P
Zack marker strip - ZB 9 CUS
1051029-0081 PHOENIX-1051029-0081 Datasheet
49Kb / 2P
Zack marker strip - ZB 6,QR:FORTL.ZAHLEN 81-90
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com