Electronic Components Datasheet Search
  English  ▼

X  

PS21352 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS21352
Description  Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21352 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS21352 Datasheet HTML 1Page - Powerex Power Semiconductors PS21352 Datasheet HTML 2Page - Powerex Power Semiconductors PS21352 Datasheet HTML 3Page - Powerex Power Semiconductors PS21352 Datasheet HTML 4Page - Powerex Power Semiconductors PS21352 Datasheet HTML 5Page - Powerex Power Semiconductors PS21352 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS21352-G
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
122
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PS21352-G
Units
Power Device Junction Temperature*
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Heatsink Temperature (See Tf Measure Point Illustration)
Tf
-20 to 100
°C
Mounting Torque, M3 Mounting Screws
—
8.5
in-lb
Module Weight (Typical)
—
20
Grams
Heatsink Flatness
—
-50 to 100
µm
Self-protection Supply Voltage Limit (Short Circuit Protection Capability)**
VCC(prot.)
400
Volts
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal, Connection Pins to Heatsink Plate
VISO
1500
Volts
*The maximum junction temperature rating of the power chips integrated within the DIP-IPM is 150
°C (@Tf ≤ 100°C). However, to ensure safe operation of the DIP-IPM,
the average junction temperature should be limited to Tj(avg) ≤ 125°C (@Tf ≤ 100°C).
**VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125°C, Non-repetitive, Less than 2µs
IGBT Inverter Sector
Collector-Emitter Voltage
VCES
600
Volts
Collector Current,
± (TC = 25°C)
IC
5
Amperes
Peak Collector Current,
± (TC = 25°C, Instantaneous Value (Pulse))
ICP
10
Amperes
Supply Voltage (Applied between P - N)
VCC
450
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
500
Volts
Collector Dissipation (TC = 25°C, per 1 Chip)
PC
20
Watts
Control Sector
Supply Voltage (Applied between VP1-VNC, VN1-VNC)VD
20
Volts
Supply Voltage (Applied between VUFB-VUFS, VVFB-VVFS, VWFB-VWFS)VDB
20
Volts
Input Voltage (Applied between UP, VP, WP-VNC, UN, VN, WN-VNC)VCIN
-0.5 ~ 5.5
Volts
Fault Output Supply Voltage (Applied between FO-VNC)VFO
-0.5 ~ VD+0.5
Volts
Fault Output Current (Sink Current at FO Terminal)
IFO
15
mA
Current Sensing Input Voltage (Applied between CIN-VNC)VSC
-0.5 ~ VD+0.5
Volts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com