Electronic Components Datasheet Search
  English  ▼

X  

BP24 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # BP24
Description  12 Ahr and 24 Ahr Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

BP24 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  BP24 Datasheet HTML 1Page - Campbell Scientific United Kingdom BP24 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Campbell Scientific, Inc. | 815 W 1800 N | Logan, Utah 84321-1784 | (435) 753-2342 | www.campbellsci.com
USA
|
AUSTRALIA
|
BRAZIL
|
CANADA
|
COSTA RICA
|
ENGLAND
|
FRANCE
|
GERMANY
|
SOUTH AFRICA
|
SPAIN
Copyright © 2010, 2011
Campbell Scientific, Inc.
Printed July 2011
Ordering Information
Battery Packs
BP12
12V Sealed Rechargeable Battery w/Mounts, 12 Ahr
BP24
12V Sealed Rechargeable Battery w/Mounts, 24 Ahr
Regulators
CH100
12 V Charging Regulator
CH200
12 V Smart Charge Controller
Integrated Power Supply
PS24
24 AHr Power Supply w/10” x 12” Enclosure
Enclosure Mounts Options for PS24 (choose one)
-NM
No Enclosure Mounting
-MM
Tripod Mast Mounting
-LM
Leg Mounting for CM110-series light-weight tripods
-TM
Tower Mounting
Adapters for the CH100 or CH200
A100
Null Modem Adapter
A105
12 V Terminal Expansion Adapter
Wall Chargers for CH100, CH200, or PS24
9591
Wall Charger 18 Vac 1.2 A Output, 110 Vac Input, 6 ft Cable
22110
Wall Charger 18 Vac 1.2 A Output, 110 Vac Input, 6 ft
Cable for prewired enclosure.
14014
Wall Charger 18 Vdc Output 90 to 264 Vac 47 to 63 Hz
Input. Must choose a power cable option (see below).
22111
Wall Charger 18 Vdc Output 90 to 264 Vac 47 to 63 Hz
Input for prewired enclosure. Must choose a power
cable option (see below).
Power Cable Options for 14014 or 22111 (choose one)
-NC
No Power Cable
-USC
US Cable
-EUC
Continental European Cable
-UKC
United Kingdom/Ireland Cable
-AUC
Australia/New Zealand Cable
-CNC
China Cable
Solar Panels for CH100, CH200, or PS24
SP10
10 W Solar Panel with 20 ft Cable
SP10-PW
10 W Solar Panel with 20 ft cable for prewired enclosure
SP20
20 W Solar Panel with 20 ft Cable
SP20-PW
20 W Solar Panel with 20 ft cable for prewired enclosure
Specifications
Battery Packs
Output Voltage:
12 Vdc
Nominal Capacity
BP12:
12 Amp hours
BP24:
24 Amp hours
Temperature:
Charge:
-15º to +50ºC
Discharge:
-20º to +60ºC
Storage:
-20º to +50ºC (fully charged)
Weight
BP12:
9.8 lbs ( 4.4 kg)
BP24:
22.4 lbs (10.2 kg)
Dimensions (with mounting bracket)
BP12:
7.5” x 4.0” x 3.8”
(19.1 x 10.3 x 9.7 cm)
BP24:
8.4” x 7.0” x 5.1”
(21.3 x 17.7 x 13.0 cm)
CH100 Regulator2
Input Voltage
(CHG terminals):
15 to 28 VDC or 18 VAC RMS
Battery Connections
Charging Output Voltage:
Temperature compensated
float charge for battery
Temperature
Compensation Range:
-40º to +60ºC
Max. Charging Current:
1.2 A (allows one SP20 or SP10
to be used)
Power Out (+12 terminals)
Voltage:
Unregulated 12 V from battery
Temperature
Current Limited with
3 A Thermal Fuse:
> 3 A @ < 20°C; 3 A @ 20°C;
2.1A @ 50°C; 1.8 A @ 60°C
Weight:
5.5 oz. (158 g)
Dimensions
Height:
4.0” (10.2 cm)
Width:
2.76” (7.0 cm)
Depth:
1.5” (3.9 cm)
The BP24 24-Ahr
battery pack can
power a Campbell
Scientific system that
has above average
power requirements.
2 CH200 specifications as well as more information are provided in the CH200 and PS200 product brochure.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com