Electronic Components Datasheet Search
  English  ▼

X  

SP20 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # SP20
Description  12 Ahr and 24 Ahr Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

SP20 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  SP20 Datasheet HTML 1Page - Campbell Scientific United Kingdom SP20 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP12, BP24, PS24
12 Ahr and 24 Ahr Power Supplies
Battery Packs
The BP12 and BP24 are battery packs for powering
systems1 that have higher current drain equipment such
as satellite transmitters. They consist of a rechargeable
battery, enclosure mounting bracket, and cables. The
BP12 and BP24 require a regulated charging source
(provided by the CH100 or CH200 regulator connected
to an unregulated solar panel or a wall charger).
Regulator
The regulator controls the current flowing to the battery
and prevents the battery current from flowing to the
charging source. A regulator is required to connect the
BP12 or BP24’s sealed rechargeable battery to an exter-
nal charging source (e.g., solar panel, wall charger).
The CH100 regulator is for standard applications. The
maximum charging current of the CH100 is 1.2 A,
which means that the largest solar panel that can be
used is an SP20.
The CH200 is a microcontroller-
based smart regulator with two-
step constant voltage charging
that optimize battery charging
and increases the battery’s life.
It has input terminals that allow
simultaneous connection of two
charging sources. It also mea-
sures various input, output, and
status parameters to allow close
monitoring of the battery. The
SP70 70-W solar panel can be
connected to the CH200.
Integrated Power Supply
The PS24 consists of a 24-Ahr sealed rechargeable
battery, CH100 regulator, enclosure mounting bracket,
power cable, and a 10” x 12” environmental enclosure.
This power supply is intended for systems such as the
ET107 where the weather station’s enclosure is not
large enough to house a BP24 battery. The enclosure
has one conduit for cable entry and several options for
mounting it on a tripod or tower. The battery should
be recharged via a charging source (see below).
Accessories
Charging Sources
Several wall chargers and solar panels are offered for
recharging the batteries (see Ordering Information).
Solar panels charge batteries by converting sunlight
into direct current. Wall chargers use power from
external ac power lines to recharge the batteries.
Adapters
Campbell Scientific offers two
adapters that fasten onto our
regulators. An A100 adapter
used with a regulator and a
battery pack can power periph-
erals and external devices at nondatalogger sites such
as repeater stations. The A105 adapter increases the
number of 12 V and ground terminals available on the
regulator. The A100 and A105 cannot be connected to
the regulator at the same time.
Above shows the PS24’s enclosure, CH100, power cable, and
battery bracket. The battery is shipped separately, and must be
installed by the user.
The BP12 (shown above) and BP24 include a bracket for mount-
ing to the backplate of an ENC16/18 enclosure. The 27758,
an optional BP12 mounting kit, is also offered if more secure
mounting is required.
1Information about calculating power usage is included in our Power Supply Overview brochure and Power Supply application note. Brochures
and application notes are available from: www.campbellsci.com
Top view of a CH200
showing its LEDs
and terminals.


Similar Part No. - SP20

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SP20 WELWYN-SP20 Datasheet
130Kb / 2P
General-Purpose Failsafe Moulded Wirewound Resistors
logo
TT Electronics.
SP20 TTELEC-SP20 Datasheet
535Kb / 3P
F version has flame resistant coating
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP200 SIPEX-SP200 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Aries Electronics, Inc.
SP200 ARIES-SP200 Datasheet
203Kb / 1P
040 [1.02] Shorting Plugs and Jacks
More results

Similar Description - SP20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP12 ETC1-WP12 Datasheet
79Kb / 1P
12 Watt Single Output Regulated Power Supplies
FCPS-24S6 ETC2-FCPS-24S6 Datasheet
395Kb / 3P
6-Amp and 8-Amp 24-Volt Remote Power Supplies
PSA-12 ETC2-PSA-12 Datasheet
31Kb / 1P
Power Supplies (12 Volt)
logo
Tumbler Technologies + ...
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
12-24 Watt Medical Power Adapters
logo
List of Unclassifed Man...
ABL6TS25G ETC2-ABL6TS25G Datasheet
44Kb / 1P
Power supplies and transformers
logo
Fairchild Semiconductor
FCMT199N60 FAIRCHILD-FCMT199N60 Datasheet
943Kb / 9P
Server and Telecom Power Supplies
FCMT299N60 FAIRCHILD-FCMT299N60 Datasheet
616Kb / 9P
Server and Telecom Power Supplies
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
Motor Drives and Uninterruptible Power Supplies
logo
Vishay Siliconix
SIHW47N65E VISHAY-SIHW47N65E Datasheet
161Kb / 7P
Server and telecom power supplies
02-Dec-13
logo
List of Unclassifed Man...
PST-SP12AS ETC-PST-SP12AS Datasheet
154Kb / 2P
12 Volt and 24 Volt 36 and 72 Watt DC UPS Battery Backup Power Supplies, DIN Rail
March 25, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com