Electronic Components Datasheet Search
  English  ▼

X  

PS21445 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS21445
Description  Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21445 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS21445 Datasheet HTML 1Page - Powerex Power Semiconductors PS21445 Datasheet HTML 2Page - Powerex Power Semiconductors PS21445 Datasheet HTML 3Page - Powerex Power Semiconductors PS21445 Datasheet HTML 4Page - Powerex Power Semiconductors PS21445 Datasheet HTML 5Page - Powerex Power Semiconductors PS21445 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PS21445-E
Intellimod™ Module
Dual-In-Line Intelligent Power Module
20 Amperes/600 Volts
4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Supply Voltage
VD
Applied between VP1-VPC, VN1-VNC
13.5
15.0
16.5
Volts
VDB
Applied between VUFB-VUFS,
13.5
15.0
16.5
Volts
VVFB-VVFS, VWFB-VWFS
Circuit Current
ID
VD = VDB = 15V, Input = OFF
—
—
8.50
mA
Total of VP1-VPC, VN1-VNC
VD = VDB = 15V, Input = ON
—
—
9.70
mA
Total of VP1-VPC, VN1-VNC
VD = VDB = 15V, Input = OFF
—
—
1.00
mA
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
VD = VDB = 15V, Input = ON
—
—
1.00
mA
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
Fault Output Voltage
VFOH
VSC = 0V, FO Circuit: 10k Ω to 5V Pull-up
4.9
—
—
Volts
VFOL
VSC = 1V, FO Circuit: 10k Ω to 5V Pull-up
—
0.8
1.2
Volts
VFO(sat)
VSC = 1V, IFO = 15mA
0.8
1.2
1.8
Volts
PWM Input Frequency
fPWM
TC ≤ 100°C, Tj ≤ 125°C—
5
—
kHz
Allowable Dead Time
tDEAD
Relates to Corresponding Input Signal for
2.5
—
—
µS
Blocking Arm Shoot-through (-20
°C ≤ TC ≤ 100°C)
Short Circuit Trip Level*
VSC(ref)
Tj = 25°C, VD = 15V*
0.45
0.5
0.55
Volts
Supply Circuit Under-voltage
UVDBt
Trip Level, Tj ≤ 125°C
10.0
—
12.0
Volts
UVDBr
Reset Level, Tj ≤ 125°C
10.5
—
12.5
Volts
UVDt
Trip Level, Tj ≤ 125°C
10.3
—
12.5
Volts
UVDr
Reset Level, Tj ≤ 125°C
10.8
—
13.0
Volts
Fault Output Pulse Width**
tFO
CFO = 22nF
1.0
1.8
—
mS
ON Threshold Voltage (H-side)
Vth(on)
Applied between UP, VP, WP-VPC
0.8
1.4
2.0
Volts
OFF Threshold Voltage (H-side)
Vth(off)
2.5
3.0
4.0
Volts
ON Threshold Voltage (L-side)
Vth(on)
Applied between UN, VN, WN-VNC
0.8
1.4
2.0
Volts
OFF Threshold Voltage (L-side)
Vth(off)
2.5
3.0
4.0
Volts
* Short Circuit protection is functioning only at the low-arms. Please select the value of the external shunt resistor such that the SC trip level is less than 25.5A.
**Fault signal is asserted when the low-arm short circuit or control supply under-voltage protective functions operate. The fault output pulse-width tFO depends on the capacitance value of
CFO according to the following approximate equation: CFO = (12.2 x 10-6) x tFO {F} .



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com