Electronic Components Datasheet Search
  English  ▼

X  

OFM-0101 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # OFM-0101
Description  10W Ultraminiature Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM-0101 Datasheet(HTML) 1 Page - Astrodyne Corporation

  OFM-0101 Datasheet HTML 1Page - Astrodyne Corporation OFM-0101 Datasheet HTML 2Page - Astrodyne Corporation OFM-0101 Datasheet HTML 3Page - Astrodyne Corporation OFM-0101 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10W Ultraminiature Open Frame Switching Power Supplies
O F M 1 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Universal 85-265VAC Input
High Efficiency
Regulated Outputs
3000V Isolation
Single and Dual Outputs
UL60950-1, EN60950-1 & IEC60950-1 Approved
Model Number
Output Voltage
Output Amps(max)
(pk)
SINGLE OUTPUT
OFM-0100
3.3 VDC
2.5A
3.3A
OFM-0101
5 VDC
2A
2.6A
OFM-0102
12 VDC
0.85A
1.2A
OFM-0103
15VDC
0.67A
0.9A
OFM-0105
24VDC
0.42A
0.6A
DUAL OUTPUT
OFM-0106
+/-12VDC
+/-0.42A
+/-0.6A
OFM-0107
+/-15VDC
+/-0.34A
+/-0.45A
Order On-Line!
astrodyne.com
1.77”W x 2.56”L x 0.83”H


Similar Part No. - OFM-0101

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM-0101 ASTRODYNE-OFM-0101 Datasheet
316Kb / 5P
10W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - OFM-0101

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL10 ASTRODYNE-ASL10 Datasheet
711Kb / 3P
10W Ultraminiature Open Frame Global Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
40W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
5W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
ASL10 ASTRODYNE-ASL10_16 Datasheet
678Kb / 3P
10W Ultraminiature Open Frame Global Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
10W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com